Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 323 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 323 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 319Page - STMicroelectronics RM0319 Datasheet HTML 320Page - STMicroelectronics RM0319 Datasheet HTML 321Page - STMicroelectronics RM0319 Datasheet HTML 322Page - STMicroelectronics RM0319 Datasheet HTML 323Page - STMicroelectronics RM0319 Datasheet HTML 324Page - STMicroelectronics RM0319 Datasheet HTML 325Page - STMicroelectronics RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
323/368
30.1.1
SLEEP
During this mode the system clocks, HCLK and CLK, are disabled and the system controller
clock SCLK is driven from a low speed oscillator (nominally 32 768 Hz). When either a FIQ
or an IRQ interrupt is activated (through the VIC) the system moves into the DOZE mode.
Additionally, the required operating mode in the system control register automatically
changes from SLEEP to DOZE.
In SLEEP state, the clock is not provided to CPU. This state maximizes power saving.
The system controller clock is driven by the last selected source in DOZE mode, it could be
RTC or main oscillator.
On interrupt request, normal (IRQ) or fast (FIQ) request, the CPU wakes up and goes in
DOZE. Few clock cycles (less than five) are required for this transition.
To reduce power consumption, it is recommended to switch off all clocks to modules which
are not used for wake-up purpose (see Section 30.4: Reset).
Interrupts enabling wake-up from SLEEP state are:
●
Ethernet
MAC:
It
is
possible
to
disable
the
clock
to
Ethernet
MAC
(PERIP1_CLK_ENB.gmac_clkenb) using the external clock provided by PHY MAC.
●
USB Device: In this case, the clock to USB Device cannot be switched off
(PERIP1_CLK_ENB.usbdev_clkenb) and AHB since the resume interrupt is registered
by HCLK.
●
RTC: All clocks to internal modules can be switched off (except for RTC).
●
GPIO: All clocks to internal modules can be switched off (except for GPIO).
●
TIMER: All timers if timer clock is not switched off (see PERIP1_CLK_ENB register for
timer clock sources)
Note:
Sleep state is only activated if SCCTRL Mode Ctrl is set to zero and processor is in Wait-for-
Interrupt state.
30.1.2
DOZE (reset state)
DOZE is the first state activated after reset.
During this mode the system clocks, HCLK and CLK, and the system controller clock SCLK
are driven from the output of crystal oscillator (24 MHz) or low frequency oscillator (32 kHz).
The system controller moves into SLEEP mode from DOZE mode only when none of the
mode control bits are set and the processor is in Wait-for-interrupt state. If SLOW mode or
NORMAL mode is required the system moves into the XTAL control transition state to
initialize the crystal oscillator.
SLOW
Running
MAIN Osc. (PLL off)
Self refresh
Internal memory
MAIN Osc.(PLL off)
Active
Internal memory and
external DRAM
NORMAL
Running
PLL1 (Up to 333 MHz)
Active
Internal memory and
exernal DRAM
Table 116.
Power state for asynchronous DRAM system (DRAM clocked by PLL2)
State
ARM
ARM clock
DRAM
Possible code
execution memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com