Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 321 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 321 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 317Page - STMicroelectronics RM0319 Datasheet HTML 318Page - STMicroelectronics RM0319 Datasheet HTML 319Page - STMicroelectronics RM0319 Datasheet HTML 320Page - STMicroelectronics RM0319 Datasheet HTML 321Page - STMicroelectronics RM0319 Datasheet HTML 322Page - STMicroelectronics RM0319 Datasheet HTML 323Page - STMicroelectronics RM0319 Datasheet HTML 324Page - STMicroelectronics RM0319 Datasheet HTML 325Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
321/368
30
Power, reset and clock control
This chapter provides a functional description of the system power, reset and clock control
features.
For details on programming the related registers, refer to the System Controller (SC) and
System Configuration registers (MISC) sections of the following companion document:
●
RM0321: SPEAr320S address map and registers
30.1
System control state machine
The system control state machine manages power consumption by controlling the clock
sources of the system clock (SYS_CLK). It has four system operation states:
●
SLEEP
●
DOZE (reset state)
●
SLOW
●
NORMAL
Switching between system operation states is software-controlled except for SLEEP to
DOZE which is activated only by a hardware event.
Three selections are mainly available:
●
Main oscillator: directly 24 MHz or its ratio (1:2, 1:4, 1:16 or 1:32)
●
RTC oscillator: if present it is 32.768 kHz
●
PLL1 Frequency: generated from the main oscillator
The state machine is controlled using three mode control bits (ModeCtrl[2:0]) in the system
control register (SCCTRL), which define the required system operating mode. The mode
control bits control the modes:
●
1xx If the most significant bit (MSB) is set then the system moves into NORMAL mode.
●
01x If the MSB is not set and the next MSB is set then the system moves into SLOW
mode.
●
001 If only the least significant bit (LSB) is set then the system moves into DOZE mode.
●
000 If none of the mode control bits are set the system moves into SLEEP mode.
When the required operating mode has been defined by software writing to the
ModeCtrl[2:0] bits in the system control register(SCCTRL) the state machine moves to the
required operating mode without further software interaction.
The current system mode can read by software from the ModeStatus[3:0] bits in the
SCCTRL register.
If the nPOR input is activated, the state machine and the required operating mode in the
system control register are set to DOZE. If the PRESETn input is activated, the system
mode control state machine does not change mode but the required operating mode is set
to DOZE in the system control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com