Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 118 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics UM0851 Datasheet HTML 116Page - STMicroelectronics UM0851 Datasheet HTML 117Page - STMicroelectronics UM0851 Datasheet HTML 118Page - STMicroelectronics UM0851 Datasheet HTML 119Page - STMicroelectronics UM0851 Datasheet HTML 120Page - STMicroelectronics UM0851 Datasheet HTML 121Page - STMicroelectronics UM0851 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 245 page
background image
Communication device drivers
UM0851
118/245
Doc ID 16604 Rev 2
Physical port parameters
●
has_tsa
True for TDM/E1 port, false for RS485 port.
●
ts0_delay
Only for TDM/E1 port, delay between SYNC signal and beginning of TS0.
●
cts_enable
Only for RS485 port, enable collision detection or not. Initial value is set by kernel
configuration.
●
cts_delay
Only for RS485 port, set delay when controller start to sample the CTS signal. This
parameter tells the controller when to sample the CTS signal after transmitting one bit.
The delay can be calculated by (cts_delay+2)/freq_ahb. Be sure NOT to set delay more
than one clock cycle.
●
penalty
Only for RS485 port, set waiting time before re-transmitting the frame when collision
occurs. Refer to the SPEAR310 User Manual for more details.
●
tx_falling_edge
Tx edge config. True for transmit at falling clock edge, false for transmit at rising clock
edge.
●
rx_rising_edge
Rx edge config. True for sample at rising clock edge, false for sample at falling clock
edge.
Logical channel parameters
●
common_flag
Enables common flag feature. Refer to the SPEAR310 User Manual for more details..
●
crc32_enable
True for CRC32, false for CRC16. Default is CRC16.
●
flag_enable
Transmits flag when idle. Refer to the SPEAR310 User Manual for more details..
●
addr_recog
Address recognition mode. Refer to the SPEAR310 User Manual for more details..
Parameters are defined in the global data array spear_hdlc_port[].
4.10.5
Assigning timeslots for TDM/E1 interface
SPEAr HDLC driver uses two Ioctls to assign timeslots for the TDM/E1 interface:
●
SIOCDEVASSIGNSLOT
Only for the TDM/E1 port, assign Tx/Rx timeslot for logical HDLC channel.
●
SIOCDEVREMOVESLOT
Only for the TDM/E1 port, remove Tx/Rx timeslot for logical HDLC channel.
Code sample:
struct ifreq req;
unsigned int data[2];
sock = socket(PF_INET, SOCK_DGRAM, IPPROTO_IP);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com