Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 115 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 111Page - STMicroelectronics UM0851 Datasheet HTML 112Page - STMicroelectronics UM0851 Datasheet HTML 113Page - STMicroelectronics UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics UM0851 Datasheet HTML 116Page - STMicroelectronics UM0851 Datasheet HTML 117Page - STMicroelectronics UM0851 Datasheet HTML 118Page - STMicroelectronics UM0851 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
115/245
Figure 30.
Data structure layers
●
port_t: physical interface abstraction, SPEAr HDLC driver specified structure. It keeps
track of all the HDLC channels running on this interface. TDM/E1 interfaces may have
multiple HDLC channels. RS485 interface only has one HDLC channel.
●
channel_t: logical HDLC channel abstraction, SPEAr HDLC driver specified structure.
Derived from hdlc_device structure. It contains a pointer to the physical interfaces it
belongs to.
●
hdlc_device: common HDLC device defined in the generic HDLC layer, derived from
net_device
●
net_device: common network device defined in the Linux network layer.
4.10.3
SPEAr HDLC driver interface
The SPEAr HDLC driver uses common network device interfaces. The generic HDLC layer
provides common routines to interact with the Linux network layer. The SPEAr HDLC driver
calls the generic HDLC layer to register itself and handle any common requests.
Init HDLC channels
When the driver module is loaded, spr_hdlc_add_port() is called for each physical port to be
initialized and registers the corresponding HDLC channels.
For TDM/E1 port, multiple HDLC channel is registered. The number of HDLC channels is
defined in configuration CONFIG_SPEAR_TDM_HDLC_CHANNEL_NUM. For each RS485
port, one HDLC channel is registered.
For every HDLC channel, one SPEAr HDLC private structure channel_t is created. The
driver also creates a common HDLC device structure by calling alloc_hdlcdev in Linux
generic HDLC layer. Then, it associates it with the channel_t structure. The prototype of
alloc_hdlcdev is:
struct net_device *alloc_hdlcdev(void *priv);
/* Driver passes the SPEAR HDLC priavte structure channel_t to the priv argument
It returns a standard net_device structure pointer.
The access to hdlcdev structure is done via macros struct hdlc_dev
*hdev = dev_to_hdlc(dev);
The access to the SPEAR HDLC private structure is done via casting the priv member
of hdlc_dev struct channel_t *ch = dev_to_hdlc(dev)->priv; */
net_device
port_t
SPEAr
HDLC
Driver
hdlc_device
channel_t
Network
Layer
Generic
HDLC
Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com