Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 111 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 107Page - STMicroelectronics UM0851 Datasheet HTML 108Page - STMicroelectronics UM0851 Datasheet HTML 109Page - STMicroelectronics UM0851 Datasheet HTML 110Page - STMicroelectronics UM0851 Datasheet HTML 111Page - STMicroelectronics UM0851 Datasheet HTML 112Page - STMicroelectronics UM0851 Datasheet HTML 113Page - STMicroelectronics UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
111/245
4.9.8
References
●
Socket-CAN project, http://developer.berlios.de/projects/socketcan
4.10
HDLC driver
4.10.1
Hardware overview
SPEAr310 has one TDM/E1 HDLC controller and two RS485 HDLC controllers.
TDM/E1 HDLC controller
The TDM/E1 HDLC controller supports up to 128 HDLC channels multiplexed on one single
TDM interface. The main features provided by the TDM/E1 HDLC controller are listed
below
.
General IP features:
●
AMBA 2.0 compliant, AMBA slave interface for programming the controller, AMBA
master interface for transferring data between memory and IP
●
DMA engine included
●
Support data buffer queue
●
Support interrupt queue
●
Miscellaneous interrupt generation
TDM/E1 features:
●
Six signals interface: TXCLK, RXCLK, TXD, RXD, TSYNC, RSYNC
●
Supports duplex Tx/Rx communication
●
For TDM applications, up to 8 Mbps per Tx/Rx channel; For E1 applications, up to 2
Mbps per Tx/Rx channel
●
For TDM applications, 128 time-slots / Frame (125us); For E1 applications, 32 time-
slots / Frame (125us)
●
Supports any time-slots banding to any Tx/Rx Channel
●
Data sending/sampling time is configurable
●
Delay between Bit 0 of TS0 and SYNC signal is configurable
CAN_DEV
Enables the common framework for platform CAN drivers with
Netlink support. This is the standard library for CAN drivers
CAN_VCAN
Virtual Local CAN interface
Table 35.
CAN menuconfig kernel options (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com