Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 108 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 104Page - STMicroelectronics UM0851 Datasheet HTML 105Page - STMicroelectronics UM0851 Datasheet HTML 106Page - STMicroelectronics UM0851 Datasheet HTML 107Page - STMicroelectronics UM0851 Datasheet HTML 108Page - STMicroelectronics UM0851 Datasheet HTML 109Page - STMicroelectronics UM0851 Datasheet HTML 110Page - STMicroelectronics UM0851 Datasheet HTML 111Page - STMicroelectronics UM0851 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 245 page
background image
Communication device drivers
UM0851
108/245
Doc ID 16604 Rev 2
/* SockAddr */
struct sockaddr_can {
sa_family_t can_family;
int
can_ifindex;
union {
/* transport protocol class address info */
struct { canid_t rx_id, tx_id; } tp;
/* reserved for future */
} can_addr;
};
The struct sockaddr_can has an interface index like the PF_PACKET socket, which also
binds to a specific interface.
4.9.4
SPEAr CAN driver
The SPEAr CAN driver uses the socket-CAN framework to provide a network driver as an
interface for the user-land applications.
The CAN driver exposes itself to the kernel as a platform driver through the struct
spr_can_driver, whose members are described below:
/* SPEAr CAN driver */
static struct platform_driver spr_can_driver = {
.driver
= {
.name
= DRV_NAME,
},
.probe
= spr_can_drv_probe,
.remove
= spr_can_drv_remove,
#ifdef CONFIG_PM
.suspend
= spr_can_drv_suspend,
.resume
= spr_can_drv_resume,
#endif
/* CONFIG_PM */
};
The CAN driver inserts a data structure for each newly detected interface into a global list of
network devices.
Each interface is described by a struct net_device item, which is defined in
`linux/netdevice.h`. This structure must be allocated dynamically. The kernel function
provided to perform this allocation is alloc_ccandev(), which has the following prototype:
/* sizeof_priv is the size of SPEAr320 CAN driver's "private data" area. */
struct net_device *alloc_ccandev(int sizeof_priv)
Once the net_device structure has been initialized, the process of registration is completed
by passing the same to register_ccandev()
The access to the SPEAr CAN driver private data is done via the standard call provided by
Linux kernel:
struct ccan_priv *priv = netdev_priv(dev);
The private data structure used by the CAN driver is described below:
struct ccan_priv {
struct can_priv can;
struct net_device *dev;
int tx_object;
int last_status;
struct delayed_work work;
u16 (*read_reg)(struct net_device *dev,
enum c_regs reg);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com