Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0851 Datasheet(PDF) 112 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 108Page - STMicroelectronics UM0851 Datasheet HTML 109Page - STMicroelectronics UM0851 Datasheet HTML 110Page - STMicroelectronics UM0851 Datasheet HTML 111Page - STMicroelectronics UM0851 Datasheet HTML 112Page - STMicroelectronics UM0851 Datasheet HTML 113Page - STMicroelectronics UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics UM0851 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 245 page
background image
Communication device drivers
UM0851
112/245
Doc ID 16604 Rev 2
HDLC features:
●
Compliant with ISO/IEC13239
●
Standard HDLC frame code/decode
●
Tx channel features:
–
Automatic Inter-Frame Fill (IFF) generation (0x7E or 0xFF)
–
Automatic flag generation
–
Selectable CRC generation
●
Rx channel features:
–
Automatic flag detection
–
Programable address recognition
–
Automatic Inter-Frame Fill (IFF) detection (0x7E or 0xFF)
–
Storing CRC received into external memory is configurable
●
Exception report
RS485 HDLC controller
The RS485 HDLC controller supports one signal HDLC channel at a speed up to 3.88
Mbps. It has one extra CTS signal for performing collision detection.The main features
provided by RS485 controller are listed below
.
General IP features:
●
AMBA 2.0 compliant, AMBA slave interface for programming the controller, AMBA
master interface for transferring data between memory and IP
●
DMA engine included
●
Support data buffer queue
●
Support interrupt queue
●
Miscellaneous interrupt generation
RS485 features:
●
Five interface signals: TXCLK, RXCLK, TXD, RXD, CTS
●
Supports duplex Tx/Rx communication
●
Maximum Tx/Rx data rate up to 3.88 Mbps
●
Data sending/sampling time is configurable
●
No constraints on clock duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com