Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 40Page - Analog Devices AD6676EBZ Datasheet HTML 41Page - Analog Devices AD6676EBZ Datasheet HTML 42Page - Analog Devices AD6676EBZ Datasheet HTML 43Page - Analog Devices AD6676EBZ Datasheet HTML 44Page - Analog Devices AD6676EBZ Datasheet HTML 45Page - Analog Devices AD6676EBZ Datasheet HTML 46Page - Analog Devices AD6676EBZ Datasheet HTML 47Page - Analog Devices AD6676EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 44 of 90
UPPER THRESHOLD (PKTTHR1)
LOWER THRESHOLD (LOWTHRH)
FLAG1
FLAG0
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 114. Example of Flag Behavior as Signal Envelope Crosses Upper and Lower Threshold Settings
Table 17. Power Saving for 3.0 GSPS Operation with CLKSYN Enabled and 125 MSPS IQ Rate (Single JESD204B Lane)
Power State at 3 GSPS
I
VDD2 (mA)
I
VDD1+, IVDDC+ IVDDL (mA)
I
VDDD (mA)
P
TOTAL (mW)
Percent (%) Power Savings
STDBY_SLOW
18
162
216
461
61
STDBY_FAST
95
175
221
673
43
Power Down
2.6
25
29
64
Not applicable
Power Up
146
433
310
1182
Not applicable
GPIO FUNCTIONALITY
The AGCx pins can also be configured for basic GPIO
functionality via Register 0x1B0 to Register 0x1B4. Register 0x1B0
determines which pins are used for GPIO functionality, whereas
Register 0x1B1 determines if an AGC pin serves as input or
output. If the pin serves as an output, Register 0x1B2 determines
the high or low state, and Register 0x1B3 reads back the state of
these designated output pins. Lastly, if an AGCx pin serves as an
input, Register 0x1B4 reads back the state of this pin.
POWER SAVING MODES
The AD6676 features two SPI configurable and selectable power
savings modes. The first mode is a sleep mode where the AD6676
is placed in a low power state for extended periods, and the
second mode is a standby mode where the AD6676 enters a
reduced power state but still keeps the JESD204B link and digital
clocks active to ensure multichip synchronization (or fixed
latency) during fast power cycling. Both sleep mode and standby
mode can be entered via a SPI write operation to the PD_MODE
bits in the DEVICE_CONFIG register (Register 0x002; Bits[1:0]).
Note that, depending on whether sleep or standby mode is
selected, various functional blocks within the Σ-Δ ADC itself
are either powered down, placed in a low bias state, or remain
powered.
The standby mode is also controllable via a user designated
AGCx pin for faster and more precise power cycling. This
feature is particularly useful for TDD-based communication
protocols, allowing the host processor to quickly power cycle
the AD6676 during transmit bursts. The PD_PIN_CTRL
register (Register 0x152) enables this feature as well as
designates the AGC pin. The standby register (Register 0x150)
powers down different functional blocks during standby mode.
However, all functional blocks that affect the clock generation,
distribution and the JESD204B link remain enabled to maintain
constant latency while in standby. The only exception is
STBY_VSS2GEN (Register 0x150, Bit 6) where a trade-off exists
in power savings vs. wake-up time, depending on whether the
negative voltage generator is placed in standby.
Table 17 shows the realized power savings for the different
power savings modes at 3.0 GSPS operation with the AD6676
configured for 125 MSPS IQ output and the internal clock
synthesizer enabled. Note that STDBY_FAST and STDBY_SLOW
correspond to whether the STBY_VSS2GEN bit is enabled or
disabled during standby. Note that an additional 18% power
savings can be achieved when powering down the
STBY_VSS2GEN bit.
Although the AD6676 can enter into standby quickly, it does
require a few microseconds to exit standby. Figure 115 shows
that the AD6676 can achieve a low power state within 100 ns.
Figure 116 and Figure 117 show the wake-up time between the
STDBY_FAST and STDBY_SLOW cases to achieve 1% envelope
settling accuracy being around 2.5 µs and 11.5 µs, respectively.
The phase response is not shown because it settles faster than
the envelope response. Note that the digital data path is enabled
for these time domain figures such that the setting time
responses can be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com