Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 53Page - Analog Devices AD6676EBZ Datasheet HTML 54Page - Analog Devices AD6676EBZ Datasheet HTML 55Page - Analog Devices AD6676EBZ Datasheet HTML 56Page - Analog Devices AD6676EBZ Datasheet HTML 57Page - Analog Devices AD6676EBZ Datasheet HTML 58Page - Analog Devices AD6676EBZ Datasheet HTML 59Page - Analog Devices AD6676EBZ Datasheet HTML 60Page - Analog Devices AD6676EBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 57 of 90
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
150
160
170
180
190
200
210
220
230
240
250
INPUT FREQUENCY (MHz)
fIN = 180MHz
(–1dBFS)
M = 2, N = –1 SPUR
@ –88dBc
M = 1, N = 0 SPUR
@ –81dBFS
NBW = 9.2kHz
Figure 137. Image Spur for fDATA_IQ = 200 MSPS (DEC_MODE = 3) Attributed to
M = 2, N = −1
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
150
160
170
180
190
200
210
220
230
240
250
INPUT FREQUENCY (MHz)
fIN = 180MHz
(–1dBFS)
M = 4, N = –1 SPUR
@ –96dBc
M = 1, N = 0 SPUR
@ –81dBFS
NBW = 9.2kHz
Figure 138. Reduction in Image Spur When fDATA_IQ is Reduced to 100 MSPS
IF pass band regions that remain free of any of these spurs exist
in the following regions for a swept input tone across its pass band:
(M − 0.5) × fDATA_IQ < IF Pass Band < M × fDATA_IQ
(16)
Or
M × fDATA_IQ < IF Pass Band < (M + 0.5) × fDATA_IQ
(17)
Note that because these spur free regions have a bandwidth of
0.5 × fDATA_IQ, it is often desirable to use a higher fDATA_IQ rate (that is,
lower decimation factor) to support larger IF bands. Figure 139
shows a spur free region swept SFDR less than −95 dBFS with
fDATA_IQ = 200 MSPS and BW = 100 MHz with the IF now centered
at 250 MHz. Selecting an IF situated at 350 MHz and BW =
100 MHz also produces similar results.
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
200
210
220
230
240
250
260
270
280
290
300
INPUT FREQUENCY (MHz)
fIN = 238MHz
(–1dBFS)
NBW = 9.2kHz
Figure 139. Digital Induced Spurs for an IF That Is Centered Between fDATA_IQ
and 1.5 × fDATA_IQ with fDATA_IQ = 200 MSPS
PCB DESIGN GUIDELINES
The design of the PCB is critical in achieving the full performance
of the AD6676. The AD6676EBZ evaluation board, used for
characterizing the AD6676 ac performance, serves as an example of
a possible layout that uses 0.1 mm (4 mil) through-hole vias under
the device. Figure 140 shows the top side PCB layout of the region
surrounding the AD6676 where all the critical analog input/
outputs, digital input/outputs, and passive components reside.
An alternative top side layout is shown in Figure 141 that avoids
any through-hole vias under the device. Because this modified
layout resulted in only a slight degradation in IMD performance,
consider this layout option if via placement under the device is
not possible.
Note the following:
•
The PCB is a 6-layer board (1.6 mm thick) based on FR4
dielectric that avoids any expensive options, such as micro,
hidden or blind vias, thus allowing cost effective
manufacturing.
•
Critical analog and digital high speed signal paths are
routed on the first layer with controlled impedances. The
lower speed CMOS digital input/outputs are placed on the
back side sixth layer.
•
A single solid ground plane is used as the second layer
underneath the AD6676. The dielectric spacing is 8 mil
to establish controlled impedances with the critical signal
layer above.
The third and fourth layers are dedicated power planes used to
isolate the different AD6676 supply domains, and the fifth
layer is a solid ground plane. The dielectric spacing between
the second and third layer and the fourth and fifth layer is
3 mil to increase the distributed decoupling capacitance for
each supply domain.
•
Special consideration was given to via placement, ground fill,
and power supply plane layout to main low thermal and
electrical impedances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com