Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 59Page - Analog Devices AD6676EBZ Datasheet HTML 60Page - Analog Devices AD6676EBZ Datasheet HTML 61Page - Analog Devices AD6676EBZ Datasheet HTML 62Page - Analog Devices AD6676EBZ Datasheet HTML 63Page - Analog Devices AD6676EBZ Datasheet HTML 64Page - Analog Devices AD6676EBZ Datasheet HTML 65Page - Analog Devices AD6676EBZ Datasheet HTML 66Page - Analog Devices AD6676EBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 63 of 90
Table 27. SPI CLK SYN Initialization Example, fCLK = 2.94912 GHz, fREF = 122.88 MHz (Suitable for Decimation by 24)
Step
Address (Hex)1
Write Value1
Comments
1
0x2A1
0x60
Set the integer-N value.
2
0x2A2
0x00
Set the integer-N value.
3
0x2A5
0x08
Reset VCO calibration.
4
0x2AC
0x18
Set the charge pump current (see Table 12).
5
0x2B7
0xF0
Configure VCO.
6
0x2BB
0x7D
Set the reference divider to DIV = 2, such that f
PFD = 61.44 MHz (see Table 11).
7
0x2A0
0x7D
Enable CLKSYN and the ADC clock.
8
0x2AB
0xC5
Start VCO calibration.
9
Wait at least 400 ns because f
PFD = 50 MHz.
Register 0x2BC, Bit 1 = 0 indicates that VCO calibration is done.
10
0x2AD
0x80
Start charge pump calibration.
Wait at least 800 ns because f
PFD = 50 MHz.
Register 0x2BC, Bit 0 = 1 indicates that the charge pump is done.
Register 0x2BC, Bit 3 = 1 confirms that the PLL is locked.
1 Cells in the Address (Hex) column and Write Value column were left intentionally blank.
Table 28. SPI fCLK Initialization
Step
Address
Write Value
Comments
1
0x2A5
0x05
Select RF clock path
2
0x2A0
0xC0
Enable RF clock receiver and ADC clock
Table 29. SPI AGC Initialization Example
Step
Address
Write Value
Comments
1
0x181
0x00
Set ATTEN_VALUE_PIN0 to 0 dB.
2
0x182
0x06
Set ATTEN_VALUE_PIN1 to 6 dB.
3
0x19E
0x13
Enable FLAG1 and 0 on AGC4 and AGC3 pins, respectively. Also, logical OR of ADC reset with a
peak detect threshold flag.
4
0x19B
0x04
Select AGC Flag 0 above Peak Threshold 0.
5
0x19C
0x06
Select AGC Flag 1 below low threshold.
6
0x193
0x00
Peak Threshold 0 set to −3 dBFS.
7
0x194
0x0d
Peak Threshold 0 set to −3 dBFS.
8
0x197
0x00
Low Threshold set to −15 dBFS.
9
0x198
0x09
Low Threshold set to −15 dBFS.
10
0x199
0x01
Low threshold dwell time mantissa.
11
0x19A
0x02
Low threshold dwell time exponent.
Table 30. SPI Shuffler Initialization Example
Step
Address
Write Value
Comments
1
0x342
0x3F
Shuffle every two clock cycles with a threshold of 3.
2
0x343
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com