Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 8Page - Analog Devices AD6676EBZ Datasheet HTML 9Page - Analog Devices AD6676EBZ Datasheet HTML 10Page - Analog Devices AD6676EBZ Datasheet HTML 11Page - Analog Devices AD6676EBZ Datasheet HTML 12Page - Analog Devices AD6676EBZ Datasheet HTML 13Page - Analog Devices AD6676EBZ Datasheet HTML 14Page - Analog Devices AD6676EBZ Datasheet HTML 15Page - Analog Devices AD6676EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 12 of 90
TYPICAL PERFORMANCE CHARACTERISTICS
NOMINAL PERFORMANCE FOR IF = 115 MHz (DIRECT SAMPLING VHF RECEIVER)
FIF = 115 MHz, BW = 20 MHz, FADC = 2.4 GHz, attenuator = 0 dB, LEXT = 100 nH, maximum PIN_0dBFS setting, fDATA_IQ = 75 MSPS,
nominal supplies, shuffler enabled (every 4 clock cycles), with default threshold settings, unless otherwise noted.
0.50
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
80
150
140
130
120
110
100
90
FREQUENCY (MHz)
Figure 4. IF Pass Band Flatness (Includes Digital Filter)
–153
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
105
125
120
115
110
INPUT FREQUENCY (MHz)
NSD (–1dBFS SIGNAL)
NSD (NO SIGNAL)
Figure 5. NSD With and Without Full-Scale CW at 108 MHz
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
105
125
120
115
110
INPUT FREQUENCY (MHz)
NBW = 3.4kHz
IF PASS BAND REGION
–1dBFS
AT 108MHz
Figure 6. Spectral Plot of IF Pass Band Region with −1 dBFS CW at 108 MHz
5
–35
–30
–25
–20
–15
–10
–5
0
0
600
450
300
150
550
400
250
100
500
350
200
50
FREQUENCY (MHz)
Figure 7. Wideband Frequency Response (Before Digital Filter)
–153
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–44
–2
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.9dBm
SHUFFLER DISABLED
SHUFFLE-EVERY-4TH CLOCK
Figure 8. NSD vs. CW Input Power, CW at 108 MHz
(NSD Measured at IF Center of 115 MHz)
–85
–95
–94
–93
–92
–91
–90
–89
–88
–87
–86
–44
–2
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.9dBm
SHUFFLER DISABLED
SHUFFLE-EVERY-4TH CLOCK
Figure 9. Integrated In-Band Noise (IBN) in IF Pass Band Region of 10 MHz vs.
Swept Single Tone Input Power with CW at 130 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com