Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 50Page - Analog Devices AD6676EBZ Datasheet HTML 51Page - Analog Devices AD6676EBZ Datasheet HTML 52Page - Analog Devices AD6676EBZ Datasheet HTML 53Page - Analog Devices AD6676EBZ Datasheet HTML 54Page - Analog Devices AD6676EBZ Datasheet HTML 55Page - Analog Devices AD6676EBZ Datasheet HTML 56Page - Analog Devices AD6676EBZ Datasheet HTML 57Page - Analog Devices AD6676EBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 54 of 90
5
0
–5
–10
–15
–20
–25
–30
–35
0
100
200
300
400
500
600
800
1000
700
900
FREQUENCY (MHz)
WITHOUT
TDK LPF
WITH TDK LPF
Figure 129. TDK Filter Has Minimal Effect on the Pass Band IF Response
Table 22. Typical Alias Rejection for Different IF and ADC
Combinations with TDK 500 MHz Low-Pass Filter Added
FADC (MHz)
IF (MHz)
FADC − IF Alias
Rejection (dBc)
FADC + IF Alias
Rejection (dBc)
2000
150
82
83
2400
200
77
85
2800
300
71
83
3200
400
74
81
A 1:1 balun is required in applications where the last amplification
stage is single-ended with a ZOUT of 50 Ω. This is typically the
case in a VHF receiver application where a gain block, such as
the ADL5541 to ADL5545 series, precedes the AD6676 for
preamplification.
VIN+
VIN–
1nF
1nF
ADL5541
TO
ADL5545
DEVICES
VHF
SIGNAL
1:1 BALUN
(MABA-007159)
AD6676
Figure 130. RF Line-Up for Direct Sampling VHF Application
For many RF receiver applications, this differential signal may
originate from a RF-to-IF mixer whose output impedance often
falls within a 50 Ω to 200 Ω range. A low order matching network
that also serves as a low-pass roofing filter can compensate for
the mismatch impedance. It is worth noting that the impedance
mismatch between a source/load mismatch of 200 Ω/60 Ω and
100 Ω/60 Ω is approximately 1.5 dB and 0.3 dB, respectively. This
low mismatch loss may be tolerable for some applications
seeking a wide, low ripple IF pass band, especially considering
the loss of a higher order matching network with finite Q
components. Lastly, it is possible to reduce the ADC maximum
input power requirements slightly to compensate for this low
loss with minimal loss in dynamic range.
Other receiver applications in the VHF band may prefer that
the AD6676 directly digitize the signal. Typically, the radio lineup
may include a low NF gain block whose single-ended output is
converted to a differential output via an ac-coupled balun. The
amplitude/phase balance requirements of balun can be relaxed
(compared to traditional pipeline ADCs) because the even order
harmonics that are sensitive to balance fall outside the pass band.
Note that the second harmonic of the gain block still must fall
outside the VHF pass band so that it can also be digitally filtered.
Some additional considerations pertaining to the analog input
are as follows:
AC coupling with 10 nF or greater capacitors to the VIN±
input is required to a maintain 1 V common-mode voltage.
Note that this capacitor provides a high-pass response with
the AD6676 input impedance and thus must be sized
accordingly for low IF applications to prevent excessive
droop on the lower pass band response.
A series 10 Ω resistor and 0.1 μF decoupling capacitor is
recommended between the 2.5 V supply and first resonators
to provide additional filtering of supply induced noise and
ADC common-mode currents.
The feedback DAC (operating up to 3.2 GHz) also
generates high frequency content (that is, images, clock
feedthrough and shaped noise) that is ideally absorbed by
the internal source follower. Due to its finite impedance at
the higher frequencies, a small amount of this undesired
signal content leaks through the attenuator path back to
the VIN± input. Passive mixers are particularly susceptible
to this signal content due to poor isolation between the IF
and RF ports while passive mixers with on-chip IF amps
and active mixers provide a greater degree of reverse
isolation. A simple third-order roofing filter typically
provides sufficient rejection to suppress these ADC
artifacts while also suppressing the larger M × N artifacts
of the mixer. Note that this filter must be designed as two
single-ended, pi network filters with shunt capacitors
located next to the VIN± pins to steer this undesired signal
content to ground. Also, use care in component selection
and layout to reduce parasitics that can cause unanticipated
peaking in the stop-band region of the filter response.
CLOCK INPUT CONSIDERATIONS
The AD6676 Σ-Δ ADC operates with an internal ADC clock
rate (FADC) between 2.0 GSPS to 3.2 GSPS. The clock signal can
originate from an external clock source or, alternatively, from its
on-chip clock synthesizer. Consider an external clock source if
the on-chip synthesizer phase noise or spurious level is not
deemed sufficient or if the desired FADC falls below the 2.94 GHz
to 3.2 GHz range of the VCO. Referring to Figure 60, the self-
biased clock receiver is configured as either a differential or single-
ended receiver, depending on whether the clock synthesizer is
disabled. In either case, the external clock source must be ac
coupled to the AD6676 CLK± input and meet the minimum
specified input level and slew rate. Also, clock jitter and phase
noise must always be a concern in selecting the clock source.
When the clock synthesizer is enabled, the CLK± inputs are
connected to CMOS inverters as shown in Figure 60. These
inverters are self-biased at approximately 0.55 V and present an
input resistance exceeding 1.2 kΩ when Bit 2 of Register 0x2BB
is set. A single-ended clock source need only be ac coupled to the
CLK+ input because the inverter output for CLK− input is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com