Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 67Page - Analog Devices AD6676EBZ Datasheet HTML 68Page - Analog Devices AD6676EBZ Datasheet HTML 69Page - Analog Devices AD6676EBZ Datasheet HTML 70Page - Analog Devices AD6676EBZ Datasheet HTML 71Page - Analog Devices AD6676EBZ Datasheet HTML 72Page - Analog Devices AD6676EBZ Datasheet HTML 73Page - Analog Devices AD6676EBZ Datasheet HTML 74Page - Analog Devices AD6676EBZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 71 of 90
Bandwidth Margin (IF) Register
Address: 0x109, Reset: 0x00, Name: MRGN_IF
Table 49. Bit Descriptions for MRGN_IF
Bits
Bit Name
Description
Reset
Access
[7:0]
MRGN_IF
An 8-bit register defining the offset frequency (to 1 MHz resolution) to which the frequency of the
LC resonator is offset from its theoretical ideal value. The default setting is 0 MHz. Increasing the
value increases the actual resonator frequency.
0x00
RW
IDAC1FS Gain Scaling Register
Address: 0x10A, Reset: 0x40, Name: IDAC1_FS
Table 50. Bit Descriptions for IDAC1_FS
Bits
Bit Name
Description
Reset
Access
[7:0]
IDAC1_FS
This parameter allows adjustment of the full-scale input power level of the ADC by adjusting the
full-scale current of IDAC1. The nominal setting of 0x40 sets IDAC1
FS value to 4 mA and corresponds to
the largest full-scale level of approximately −3 dBm (with the IF attenuator set to 0 dB.) A setting of
0x20 or 0x10 results IDAC1
FS value to 2 mA or 1 mA, thus resulting in a 6 dB or 12 dB reduction in
PIN_0dBFS. Settings resulting in more than 12 dB reduction are not recommended.
0x40
RW
Calibration Control Register
Address: 0x115, Reset: 0x00, Name: CAL_CTRL
Table 51. Bit Descriptions for CAL_CTRL
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
0x00
RW
[1:0]
CAL_PROFILE
ADC profile to be calibrated. Select one of the four ADC profiles in which to store the
results of the calibration. For example, to support multiple IF settings, the four profiles
cover all registers in the range of 0x141 to 0x145.
RW
Calibration Command Register
Address: 0x116, Reset: 0x00, Name: CAL_CMD
Table 52. Bit Descriptions for CAL_CMD
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
0x0
RWAC
5
INIT_NTF_OP
0x0
RWAC
4
INIT_JESD
0x0
RWAC
3
RESON1_CAL
0x0
RWAC
2
FLASH_CAL
0x0
RWAC
1
INIT_ADC
0x0
RWAC
0
TUNE_ADC
0x0
RWAC
Setting a 1 in one or more of the bits in this register initiates the internal calibration. This register is cleared automatically at the end of
calibration or by setting the FORCE_END_CAL bit.
Calibration Done Register
Address: 0x117, Reset: 0x00, Name: CAL_DONE
Table 53. Bit Descriptions for ADC_PROFILE
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
0x00
RW
[0]
CAL_DONE
This bit indicates that the microcontroller has completed its calibration. It is
automatically cleared by a new CAL_CMD.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com