Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 4Page - Analog Devices AD6676EBZ Datasheet HTML 5Page - Analog Devices AD6676EBZ Datasheet HTML 6Page - Analog Devices AD6676EBZ Datasheet HTML 7Page - Analog Devices AD6676EBZ Datasheet HTML 8Page - Analog Devices AD6676EBZ Datasheet HTML 9Page - Analog Devices AD6676EBZ Datasheet HTML 10Page - Analog Devices AD6676EBZ Datasheet HTML 11Page - Analog Devices AD6676EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 8 of 90
CLK± TO SYSREF± TIMING DIAGRAM
CLK+
CLK–
SYSREF+
SYSREF–
tSU_SR
tH_SR
Figure 2. SERDES CLK+ to SYSREF+ Timing
DIGITAL CMOS INPUT/OUTPUT SPECIFICATIONS
VDD1 = VDDL = VDDC = VDDQ = VDDD = VDDHSI = 1.1 V, VDD2 = 2.5 V, VDDIO = 1.8 V, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT/OUTPUT LEVELS
Input Voltage High
V
IH
VDDIO × 0.65
V
Input Voltage Low
V
IL
VDDIO × 0.35
V
Output Voltage High
V
OH
SDIO/SDO
I
OH = 3 mA
VDDIO × 0.7
V
AGCx
I
OH = 0.5 mA
VDDIO × 0.7
V
Output Voltage Low
V
OL
SDIO/SDO
I
OL = 3 mA
0.4
V
AGCx
V
OL
I
OL = 0.5 mA
0.4
V
Input Capacitance
1
pF
SPI TIMING
See Figure 148, Figure 149, and Figure 150
SCLK Frequency
f
SCLK
25
MHz
SCLK Period
t
SCLK
40
ns
SCLK Pulse Width High
t
HIGH
10
ns
SCLK Pulse Width Low
t
LOW
10
ns
SDIO Setup Time
t
DS
2
ns
SDIO Hold Time
t
DH
2
ns
SPI_RESET Setup Time1
t
SPI_RST
Not shown in Figure 148 to Figure 150
2
ms
SCLK Falling Edge to SDO Valid
Propagation Delay
t
ACCESS
10
ns
CSB Rising Edge to SDIO High-Z
t
Z
10
ns
CSB Fall to SCLK Rise Setup Time
t
S
2
ns
SCLK Fall to CSB Rise Hold Time
t
H
2
ns
1 This is the time required after a software or hardware reset until SPI access is available again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com