Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD6676EBZ Datasheet HTML 1Page - Analog Devices AD6676EBZ Datasheet HTML 2Page - Analog Devices AD6676EBZ Datasheet HTML 3Page - Analog Devices AD6676EBZ Datasheet HTML 4Page - Analog Devices AD6676EBZ Datasheet HTML 5Page - Analog Devices AD6676EBZ Datasheet HTML 6Page - Analog Devices AD6676EBZ Datasheet HTML 7Page - Analog Devices AD6676EBZ Datasheet HTML 8Page - Analog Devices AD6676EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Wideband IF Receiver Subsystem
Data Sheet
AD6676
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High instantaneous dynamic range
Noise figure (NF) as low as 13 dB
Noise spectral density (NSD) as low as −159 dBFS/Hz
IIP3 up to 36.9 dBm with spurious tones <−99 dBFS
Tunable band-pass Σ-Δ analog-to-digital converter (ADC)
20 MHz to 160 MHz signal bandwidth
70 MHz to 450 MHz IF center frequency
Configurable input full-scale level of −2 dBm to −14 dBm
Easy to drive resistive IF input
Gain flatness of 1 dB with under 0.5 dB out-of-band peaking
Alias rejection greater than 50 dB
2.0 GSPS to 3.2 GSPS ADC clock rate
On-chip PLL clock multiplier
16-bit I/Q rate up to 266 MSPS
On-chip digital signal processing
NCO and quadrature digital downconverter (QDDC)
Selectable decimation factor of 12, 16, 24, and 32
Automatic gain control (AGC) support
On-chip attenuator with 27 dB span in 1 dB steps
Fast attenuator control via configurable AGC data port
Peak detection flags with programmable thresholds
Single or dual lane, JESD204B capable
Low power consumption: 1.20 W
1.1 V and 2.5 V supply voltage
TDD power saving up to 60%
4.3 mm × 5.0 mm WLCSP
APPLICATIONS
Wideband cellular infrastructure equipment and repeaters
Point-to-point microwave equipment
Instrumentation
Spectrum and communication analyzers
Software defined radio
GENERAL DESCRIPTION
The AD66761 is a highly integrated IF subsystem that can
digitize radio frequency (RF) bands up to 160 MHz in width
centered on an intermediate frequency (IF) of 70 MHz to
450 MHz. Unlike traditional Nyquist IF sampling ADCs, the
AD6676 relies on a tunable band-pass Σ-Δ ADC with a high
oversampling ratio to eliminate the need for band specific IF
SAW filters and gain stages, resulting in significant simplification of
the wideband radio receiver architecture. On-chip quadrature
digital downconversion followed by selectable decimation filters
reduces the complex data rate to a manageable rate between
62.5 MSPS to 266.7 MSPS. The 16-bit complex output data is
transferred to the host via a single or dual lane JESD204B interface
supporting line rates of up to 5.333 Gbps.
FUNCTIONAL BLOCK DIAGRAM
L–
L+
RESETB
VDDIO
AGC4, AGC3
AGC2, AGC1
VDD2NV
VSSA
VDD2
VDDD VSSD
SPI
CSB
SCLK
SDIO
SDO
SERDOUT0+
SERDOUT0–
SERDOUT1+
SERDOUT1–
VDDHSI
SYNCINB±
SYSREF±
AGC
SUPPORT
CLOCK
GENERATION
–2.0V
REG
Mx
M = 12,
16, 24,
32
I
Q
QDDC +
NCO
I
Q
BAND-PASS
Σ-Δ ADC
VIN–
VIN+
27dB ATTENUATOR
(1dB STEPS)
CLOCK
SYNTHESIZER
JESD204B
SUBCLASS 1
CONTROL
CLK+ CLK–
VDDC
VDDQ
AD6676
VDDL VDD1
VSS2OUT
VSS2IN
Figure 1.
1 This product is protected by U.S. and international patents.


Similar Part No. - AD6676EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6676EBZ AD-AD6676EBZ Datasheet
1Mb / 90P
Wideband IF Receiver Subsystem
More results

Similar Description - AD6676EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
16-Bit IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
16-Bit IF/Baseband Receiver Subsystem
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Analog Devices
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
UHF Wideband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com