Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 77Page - Analog Devices AD6676EBZ Datasheet HTML 78Page - Analog Devices AD6676EBZ Datasheet HTML 79Page - Analog Devices AD6676EBZ Datasheet HTML 80Page - Analog Devices AD6676EBZ Datasheet HTML 81Page - Analog Devices AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices AD6676EBZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 81 of 90
JESD204 M Register
Address: 0x1C6, Reset: 0x01, Name: M
Table 96. Bit Descriptions for M
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
M
M.
0x01
RW
00000001
Two converters (I/Q data).
JESD204 S Register
Address: 0x1C9, Reset: 0x00, Name: S
Table 97. Bit Descriptions for S
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
S
S.
0x00
RW
00000
One sample per frame (the only valid option).
JESD204 RES1 Register
Address: 0x1CB, Reset: 0x00, Name: RES1
Table 98. Bit Descriptions for RES1
Bits
Bit Name
Description
Reset
Access
[7:0]
RES1
0x00
RW
JESD204 RES2 Register
Address: 0x1CC, Reset: 0x00, Name: RES2
Table 99. Bit Descriptions for RES2
Bits
Bit Name
Description
Reset
Access
[7:0]
RES2
0x00
RW
JESD204 LID0 Register
Address: 0x1D0, Reset: 0x00, Name: LID0
Table 100. Bit Descriptions for LID0
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
LID0
Lane ID for Lane 0.
0x00
RW
JESD204 LID1 Register
Address: 0x1D1, Reset: 0x01, Name: LID1
Table 101. Bit Descriptions for LID1
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
LID1
Lane ID for Lane 1.
0x01
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com