Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 17Page - Analog Devices AD6676EBZ Datasheet HTML 18Page - Analog Devices AD6676EBZ Datasheet HTML 19Page - Analog Devices AD6676EBZ Datasheet HTML 20Page - Analog Devices AD6676EBZ Datasheet HTML 21Page - Analog Devices AD6676EBZ Datasheet HTML 22Page - Analog Devices AD6676EBZ Datasheet HTML 23Page - Analog Devices AD6676EBZ Datasheet HTML 24Page - Analog Devices AD6676EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 21 of 90
EQUIVALENT CIRCUITS
CSB, SCLK
OR SDI
1kΩ
VDDIO
Figure 58. Equivalent CSB or SCLK Input Circuit
DC
AC
VIN+
VIN–
RIN = 60Ω
VCM = 1.0V
Figure 59. Equivalent Analog Input
+
CLK+
CLK–
NC
TO CLK SYN
TO BAND-PASS
Σ-Δ ADC
50Ω
50Ω
VDD1
Figure 60. Equivalent Clock Input Circuit
SYSREF+
VDDHSI
1kΩ
SYSREF–
VDDHSI
1kΩ
10kΩ
10kΩ
LEVEL
TRANSLATOR
VCM = 0.55V
Figure 61. Equivalent SYSREF± Input
1kΩ
VDDIO
VDDIO
SDIO
OR
AGCx
I/O
ESD
PROTECTED
ESD
PROTECTED
Figure 62. Equivalent SDIO or AGCx Input/Output Circuit
RESETB
1kΩ
VDDIO
25kΩ
Figure 63. Equivalent RESETB Input Circuit
20kΩ
20kΩ
LEVEL
TRANSLATOR
VCM = 0.85V
SYNCINB± PIN
CONTROL (SPI)
SYNCINB+
VDDIO
1kΩ
DGND
SYNCINB–
VDDIO
1kΩ
DGND
VCM
Figure 64. Equivalent SYNCINB± Input
SERDOUTx+
SERDOUTx–
DATA+
DATA–
x = 0, 1
x = 0, 1
VDDHSI
VDDHSI
OUTPUT
DRIVER
EMPHASIS/SWING
CONTROL (SPI)
Figure 65. Digital CML Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com