Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 51Page - Analog Devices AD6676EBZ Datasheet HTML 52Page - Analog Devices AD6676EBZ Datasheet HTML 53Page - Analog Devices AD6676EBZ Datasheet HTML 54Page - Analog Devices AD6676EBZ Datasheet HTML 55Page - Analog Devices AD6676EBZ Datasheet HTML 56Page - Analog Devices AD6676EBZ Datasheet HTML 57Page - Analog Devices AD6676EBZ Datasheet HTML 58Page - Analog Devices AD6676EBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 55 of 90
used. Note that a differential clock source can also be ac coupled to
the CLK± pins while still meeting the minimum voltage swing
at the CLK+ input.
When the clock synthesizer is disabled, the CLK± inputs are
connected to a high-speed differential clock receiver with on-chip
100 Ω termination to simplify interfacing to CML, LVPECL, or
sinusoidal clock sources. The clock signal is typically ac-coupled to
the CLK+ and CLK− pins via a RF balun or capacitors. These
pins are biased internally (see Figure 60) at approximately 700 mV
and require no external bias. The equivalent shunt impedance of
the CLK± input is shown in Figure 131. It is recommended to
use a 100 Ω differential transmission line to route the clock signal
to the CLK+ and CLK− pins due to the high frequency nature
of the signal.
130
50
60
70
80
90
100
110
120
1.0
–0.4
–0.2
0
0.2
0.4
0.6
0.8
2.0
2.5
3.5
4.0
3.0
FREQUENCY (GHz)
REAL SHUNT
CAPACITANCE SHUNT
Figure 131. Equivalent Shunt Differential Input Impedance of the CLK± Pins
with the Clock Synthesizer Disabled
Figure 132 shows a single-ended clock solution for the AD6676
when its clock synthesizer is disabled. The low phase noise single-
ended source can be from an external VCXO. A ceramic RF chip
1:2 ratio balun creates the differential clock input signal. The
balun must be specified to have low loss (that is, less than 2 dB)
at the clock frequency of interest. The single-ended clock source
must be capable of 0 dBm drive capability to ensure adequate
signal swing into the clock input.
AD6676
CLK+
CLK–
CLOCK
INPUT
100pF
100pF
100pF
JT 4000BL14100
Figure 132. Balun-Coupled Differential Clock
A single-ended CMOS or differential ac-coupled PECL/HSTL
clock signal can be delivered via clock generation and distribution
ICs such as the Analog Devices HMC7044, AD9528, and
ADCLK925. A PECL clock signal is recommended when
providing a RF clock input signal to the AD6676 or in applications
that require deterministic latency or synchronization while using
the internal clock synthesizer of the AD6676. Figure 133 shows
a simple differential interface in which the AD6676 interfaces to
the PECL output available from these ICs. The HMC7044 is an
excellent choice for JESD204B clock generation and multichip
synchronization because it also generates a very low phase noise
RF clock from 2.4 GHz to 3.2 GHz for multiple AD6676 devices.
AD6676
CLK+
CLK–
10nF
240Ω
240Ω
PECL
DRIVER
10nF
HMC7044,
AD9528 OR
ADCLK925
Figure 133. Differential PECL Sample Clock Using the HMC7044, AD9528, and
ADCLK925
Alternatively, PLL clock synthesizers with on-chip VCOs such
as the ADF4351, the ADF4355-2, and HMC1034 also make
excellent RF clock sources when multichip synchronization is
not required. The CML outputs of these devices allow a simple
interface as shown in Figure 134. Figure 135 compares the close
in phase noise between the ADF4351, the ADF4355-2, the
HMC7044, the AD6676 clock synthesizer, and the R&S SMA100A
for a near full-scale sine wave at 300 MHz. Note that the phase
noise improvement offered by the high quality RF generator
only becomes evident below 400 kHz when compared to the
ADF4351.
CLK+
CLK–
REFOUTA+
REFOUTA–
REFOUTB+
REFOUTB–
1nF
1nF
ADF4351
ADF4355-2
3.9nH
AD6676
0.8V p-p
PLL
VCO
FREF
VVCO
Figure 134. Differential CML Driver from the ADF4351 and the ADF4355
–110
–115
–120
–125
–130
–135
–140
–145
–150
–155
0.01
0.1
1
FREQUENCY OFFSET (MHz)
AD6676 CLK SYN
ADF4351
ADF4355-2
HMC7044
R&S SMA100A
AVG = 300
Figure 135. Close In Phase Noise Comparison for Different Analog Devices
Clock Sources when Compared to the R&S SMA100A and the AD6676 Clock
Synthesizer (IF = 300 MHz, BW = 40 MHz, FADC = 3.2 GHz, L = 19 nH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com