Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 9Page - Analog Devices AD6676EBZ Datasheet HTML 10Page - Analog Devices AD6676EBZ Datasheet HTML 11Page - Analog Devices AD6676EBZ Datasheet HTML 12Page - Analog Devices AD6676EBZ Datasheet HTML 13Page - Analog Devices AD6676EBZ Datasheet HTML 14Page - Analog Devices AD6676EBZ Datasheet HTML 15Page - Analog Devices AD6676EBZ Datasheet HTML 16Page - Analog Devices AD6676EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 13 of 90
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
80
90
100
110
120
130
140
150
INPUT FREQUENCY (MHz)
IF PASS BAND
REGION = 20MHz
WORST SWEPT
SPUR FOR
–1dBFS CW
AT –3dBm
2 ×
fDATA-IQ
CLOCK SPUR
AT 150MHz, AT –87dBFS
–1dBFS
AT 101.6MHz
–111dBFS
Figure 10. Worst Spur Falling in 75 MHz Pass Band for Swept CW from
77.5 MHz to 152.5 MHz
105
125
120
115
110
INPUT FREQUENCY (MHz)
NBW = 3.4kHz
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
TWO TONES AT
–8dBFS (–10.9dBm)
AT 114MHz AND 116MHz
–95dBFS
–94dBFS
Figure 11. Two-Tone IMD Performance
(f1 = 114 MHz, f2 = 116 MHz)
INPUT AMPLITUDE (dBFS)
–39
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
Figure 12. Swept Two-Tone Worst IMD3 vs. Tone Input Amplitude
(f1 = 113 MHz, f2 =118 MHz)
INPUT FREQUENCY (MHz)
77.5
87.5
97.5
107.5
117.5
127.5
137.5
147.5 152.5
–100
–103
–106
–109
–112
–115
–1dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 13. Worst Pass Band Spur with Swept CW from 77.5 MHz to 150 MHz, over
PIN = −1 dBFS, −6 dBFS, −12 dBFS, and −18 dBFS
0
–130
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
105
125
120
115
110
INPUT FREQUENCY (MHz)
–95dBFS
–95dBFS
TWO TONES AT
–8dBFS (–10.9dBm)
AT 108MHz AND 110MHz
NBW = 3.4kHz
Figure 14. Two-Tone IMD Performance
(f1 = 108 MHz, f2 = 110 MHz)
FREQUENCY (MHz)
110
135
130
125
120
115
–80
–85
–90
–95
–100
–105
–110
–20dBFS
–14dBFS
–8dBFS
Figure 15. Swept Two Tone Worst IMD3 vs. Frequency over Pass Band (∆f =
5 MHz for Two Tones, PIN = −8 dBFS, −14 dBFS, and −20 dBFS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com