Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 49Page - Analog Devices AD6676EBZ Datasheet HTML 50Page - Analog Devices AD6676EBZ Datasheet HTML 51Page - Analog Devices AD6676EBZ Datasheet HTML 52Page - Analog Devices AD6676EBZ Datasheet HTML 53Page - Analog Devices AD6676EBZ Datasheet HTML 54Page - Analog Devices AD6676EBZ Datasheet HTML 55Page - Analog Devices AD6676EBZ Datasheet HTML 56Page - Analog Devices AD6676EBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 53 of 90
APPLICATIONS INFORMATION
ANALOG INPUT CONSIDERATIONS
Equivalent Input Impedance and S11
The AD6676 benign input structure along with its low drive
level requirements facilitates interfacing it to external driver
circuitry. Figure 128 shows the equivalent parallel impedance
for attenuator settings of 0 dB and 6 dB. Note that the slight
variation in impedance between the different attenuator settings
is an error source affecting the absolute accuracy of the attenuator
settings. The AD6676 input also displays excellent S11 return
loss over a wide frequency range, as shown in Figure 94.
62
61
60
59
58
57
56
55
54
53
52
10
9
8
7
6
5
4
3
2
1
0
0
100
200
300
400
500
600
800
1000
700
900
FREQUENCY (MHz)
SHUNT R WITH ATTENUATOR = 0dB
SHUNT R WITH ATTENUATOR = 6dB
SHUNT C WITH ATTENUATOR = 0dB
SHUNT C WITH ATTENUATOR = 6dB
Figure 128. Typical Equivalent Parallel Impedance of AIN for Attenuator = 0
and 6 dB Settings
Input Driver and Filter Considerations
The input driver requirements, along with any additional
filtering, are application dependent. Additional filtering maybe
considered if any large signal content or blockers falling above
or below the IF pass band of interest can cause desensitization
by either increasing the ADC noise or spur floor. Below the IF
pass band, the AD6676 is most sensitive to second harmonic
content that is typically induced by the driver stage itself due
to its limited IP2 performance. The AD6676 second-order
nonlinearity contribution is typically on par with a balanced
mixer and well below the contribution of a single-ended amplifier
stage (with output balun) used for VHF applications. Table 20
shows the measured f1 + f2 spurious level and equivalent IIP2
for different IFs when dual tones are injected at −6 dBFS levels
and at IF/2.
Table 20. Harmonic Levels When Dual Tones = −6 dBFS of
PIN_0dBFS Level is Situated at IF/2
IF
(MHz)
LEXT
(nH)
PIN_0dBFS
(dBm)
Dual Tone
Input Power
(dBm)
f1 + f2
Spur
(dBc)
Equivalent
IP2 (dBm)
200
43
−2.5
−8.5
−69.5
61
250
19
−2.2
−8.2
−68.3
60
300
19
−2.2
−8.2
−73
65
350
10
−2.2
−8.2
−66.3
58.5
400
10
−2.2
−8.2
−68.5
60
Above the IF pass band, the AD6676 is sensitive to high frequency
blockers that can increase the noise floor due to jitter or generate an
image component that falls back into the pass band. The AD6676 is
also fairly insensitive to spurious tones falling in the alias regions
occurring at FADC ± FIF because the AD6676 provides over 50 dB
of alias rejection. Table 21 shows the typical alias rejection for
different FADC and IF combinations. Because mixers often produce
fixed large spurious at M × LO as well as its sum term of LO +
FRF, determine if any of these spurs can fall in the alias regions and
if so, add the appropriate level of filtering to suppress them below
the receivers required spurious level.
Table 21. Typical Alias Rejection for Different IF and ADC
Combinations
F
ADC (MHz)
IF (MHz)
F
ADC − IF Alias
Rejection (dBc)
F
ADC + IF Alias
Rejection (dBc)
2000
150
58
59
2400
200
53
54
2800
300
51
59
3200
400
51
59
Because the required attenuation of out-of-band signal signals is
application dependent, evaluate the AD6676 under the desired
application conditions to understand the effects and determine
what amount of filtering is required. In practice, a simple third-
order low-pass roofing filter can provide adequate additional
suppression against spurs falling in the alias regions as well as
large signal signals falling a few 100 MHz above the IF pass
band. Note that the AD6676EBZ includes an optional 500 MHz
third-order low-pass filter (TDK MEA1210D501R) that may
suffice for many applications. This small, 0302 size differential
filter is also available with lower frequency options. Its effect on
the pass band flatness is mimimal but provides provides additional
suppression beyond 700 MHz. as shown in Figure 129 as well as
in the alias region as shown in Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com