Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices AD6676EBZ Datasheet HTML 85Page - Analog Devices AD6676EBZ Datasheet HTML 86Page - Analog Devices AD6676EBZ Datasheet HTML 87Page - Analog Devices AD6676EBZ Datasheet HTML 88Page - Analog Devices AD6676EBZ Datasheet HTML 89Page - Analog Devices AD6676EBZ Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 89 of 90
JESDSYN Status Register
Address: 0x2DC, Reset: 0x80, Name: JESDSYN_STATUS
Table 130. Bit Descriptions for JESDSYN_STATUS
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x8
R
3
PLL_LCK
JESD204 PLL Synthesizer Lock Bit (1 = lock).
0x0
R
2
RESERVED
0x0
R
1
VCO CAL BUSY
VCO Calibration Busy (0 = done).
0x0
R
0
CP CAL DONE
Charge Pump Calibration Done (1 = done).
0x0
R
Shuffler Control Register
Address: 0x340, Reset: 0x03, Name: SHUFFLE_CTRL
Table 131. Bit Descriptions for SHUFFLE_CTRL
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
0x00
RW
1
RESERVED
1
RW
0
EN_ADAPTIVE_SHUFFLE
Enable Adaptive Flash Shuffling.
1
RW
Shuffler Threshold 1 and 2 Register
Address: 0x342, Reset: 0xF5, Name: SHUFFLE_THREG_0
Table 132. Bit Descriptions for SHUFFLE_THREG_0
Bits
Bit Name
Description
Reset
Access
[7:4]
SHUFFLE_TH2
Threshold value for shuffling every two cycles. Shuffle-every-2 is triggered
when the ADC data is greater than or equal to this threshold.
0xF
R
[3:0]
SHUFFLE_TH1
Threshold value for shuffling every one cycle. Shuffle-every-1 is triggered
when the ADC data is greater than or equal to this threshold
0x5
R
Shuffler Threshold 3 and 4 Register
Address: 0x343, Reset: 0xFF, Name: SHUFFLE_THREG_1
Table 133. Bit Descriptions for SHUFFLE_THREG_1
Bits
Bit Name
Description
Reset
Access
[7:4]
SHUFFLE_TH4
Threshold value for shuffling every four cycles. Shuffle-every-4 is triggered
when the ADC data is greater than or equal to this threshold.
0xF
R
[3:0]
SHUFFLE_TH3
Threshold value for shuffling every three cycles. Shuffle-every-3 is triggered
when the ADC data is greater than or equal to this threshold
0xF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com