Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 58Page - Analog Devices AD6676EBZ Datasheet HTML 59Page - Analog Devices AD6676EBZ Datasheet HTML 60Page - Analog Devices AD6676EBZ Datasheet HTML 61Page - Analog Devices AD6676EBZ Datasheet HTML 62Page - Analog Devices AD6676EBZ Datasheet HTML 63Page - Analog Devices AD6676EBZ Datasheet HTML 64Page - Analog Devices AD6676EBZ Datasheet HTML 65Page - Analog Devices AD6676EBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 62 of 90
Table 26. SPI Initialization Example, fCLK = 3.2 GHz, FIF = 250 MHz, BW = 100 MHz, IDAC1FS = 2 mA, MRGN_L = MRGN_U = 10 MHz,
MRGN_IF = 1 MHz, fDATA_IQ = 200 MSPS with Decimate by 16
Step
Address (Hex)1
Write Value1
Comments
1
0x000
0x99
Software reset, 4-wire SPI.
2
Wait 2 ms for SPI initialization after reset.
3
CLK path or CLK SYN initialization (see Table 28 for using external RF clock; refer to Table 27 for
using internal CLK SYN.)
4
0x1E7
0x04
Select LVDS input for SYNCINB receiver.
5
0x1C0
0x01
JESD204 (DID = 1, optional).
6
0x1C1
0x05
JESD204 (BID = 5, optional).
7
0x1C3
0x01
JESD204B (SCR = 0, L = 2).
8
0x1C4
0x01
JESD204B (F = 2).
9
0x1C5
0x0F
JESD204B (K = 16).
10
0x1EC
0xBD
Configure PHY output driver.
11
0x100
0x80
Set F
ADC to 3200 MHz.
12
0x101
0x0C
Set F
ADC to 3200 MHz.
13
0x102
0xFA
Set the IF to 250 MHz.
14
0x103
0x00
Set the IF to 250 MHz.
15
0x104
0x64
Set the BW_0 to 100 MHz.
16
0x105
0x00
Set the BW_1 to 0 MHz.
17
0x106
0x13
Set L
EXT to 19 nH.
18
0x107
0x0a
Set MRGN_L to 10 MHz.
19
0x108
0x0a
Set MRGN_U to 10 MHz.
20
0x109
0x01
Set MRGN_IF to 1 MHz.
21
0x10A
0x20
Set IDAC1
FS to 2 mA, resulting in PIN_0dBFS = −8 dBm.
22
0x116
0x0A
Initiate RESON1 calibration.
23
Wait 250 ms for f
CLK = 3.2 GHz. Note that the wait time scales with fCLK proportionally such that
the wait = 400 ms for f
CLK = 2 GHz.
24
Read back Register 0x117 to see if Bit 0 has been set to 1 indicating ADC calibration is complete. If
not, proceed to Step 25.
25
0x11A
0x01
Force end of calibration (toggle Bit 0).
0x11A
0x00
Force end of calibration (toggle Bit 0).
26
Return to Step 22 and attempt again. Make two attempts before breaking out of loop if the
calibration problem persists.
27
0x140
0x03
Set DEC_MODE to user defined setting of decimate by 16. Note that coarse and fine NCO
settings (SPI Register 0x141 and SPI Register 0x142) are automatically set based on F
ADC and IF
settings (Register 0x100 to Register 0x103).
28
0x116
0x17
Calibrate and initiate ADC; set-up and initiate JESD204B.
29
Wait 250 ms for f
CLK = 3.2 GHz. Note that wait time scales with fCLK proportionally such that the
wait = 400 ms for f
CLK = 2 GHz.
30
Read back Register 0x117 to see if Bit 0 has been set to 1 indicating ADC calibration is complete. If
not, proceed to Step 31.
31
0x11A
0x01
Force end of calibration (toggle Bit 0).
0x11A
0x00
Force end of calibration (toggle Bit 0).
32
Return to Step 28 and attempt again. Make two attempts before breaking out of loop if the
calibration problem persists.
33
Insert the optional AGC and nondefault shuffler settings (see Table 29 and Table 30 for an example).
1 Cells in the Address (Hex) column and Write Value column were left intentionally blank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com