Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 44Page - Analog Devices AD6676EBZ Datasheet HTML 45Page - Analog Devices AD6676EBZ Datasheet HTML 46Page - Analog Devices AD6676EBZ Datasheet HTML 47Page - Analog Devices AD6676EBZ Datasheet HTML 48Page - Analog Devices AD6676EBZ Datasheet HTML 49Page - Analog Devices AD6676EBZ Datasheet HTML 50Page - Analog Devices AD6676EBZ Datasheet HTML 51Page - Analog Devices AD6676EBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 48 of 90
For scrambled data, any 0xFC character at the end of a frame is
replaced by an /F/ and any 0x7C character at the end of a
multiframe is replaced with an /A/. The JESD204B receiver
checks for /F/ and /A/ characters in the received data stream
and verifies that they only occur in the expected locations. If an
unexpected /F/ or /A/ character is found, the receiver uses
dynamic realignment or asserts the SYNCINB± signal for more
than four frames to initiate a resynchronization. For
unscrambled data, if the final character of two subsequent
frames is equal, the second character is replaced with an /F/ if it
is at the end of a frame, and an /A/ if it is at the end of a
multiframe.
Insertion of alignment characters may be modified using SPI.
The frame alignment character insertion is enabled by default.
More information on the link controls is available in the SPI
register descriptions for Register 0x1E0 to Register 0x1E6.
8-Bit/10-Bit Encoder
The 8-bit/10-bit encoder converts 8-bit octets into 10-bit
symbols and inserts control characters into the stream when
needed. The control characters used in JESD204B are shown in
Table 18. The 8-bit/10-bit encoding ensures that the signal is dc
balanced by using the same number of ones and zeroes across
multiple symbols. Note that the 8-bit/10-bit interface has an
invert option available in Register 0x1E4 that has the same
effect of swapping the differential output data pins.
K K R D
D A R Q C
C D
D A R D
D A R D
D A D
START OF
ILAS
START OF LINK
CONFIGURATION DATA
END OF
MULTIFRAME
START OF
USER DATA
Figure 121. Initial Lane Alignment Sequence
Table 18. Control Characters used in JESD204B Including Running Disparity Values
Abbreviation
Control Symbol
8-Bit Value
10-Bit Value (RD = −1)
10-Bit Value (RD = +1)
Description
/R/
K28.0
000 11100
001111 0100
110000 1011
Start of multiframe
/A/
K28.3
011 11100
001111 0011
110000 1100
Lane alignment
/Q/
K28.4
100 11100
001111 0010
110000 1101
Start of link configuration data
/K/
K28.5
101 11100
001111 1010
110000 0101
Group synchronization
/F/
K28.7
111 11100
001111 1000
110000 0111
Frame alignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com