Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 57Page - Analog Devices AD6676EBZ Datasheet HTML 58Page - Analog Devices AD6676EBZ Datasheet HTML 59Page - Analog Devices AD6676EBZ Datasheet HTML 60Page - Analog Devices AD6676EBZ Datasheet HTML 61Page - Analog Devices AD6676EBZ Datasheet HTML 62Page - Analog Devices AD6676EBZ Datasheet HTML 63Page - Analog Devices AD6676EBZ Datasheet HTML 64Page - Analog Devices AD6676EBZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 61 of 90
AD6676 START-UP INITIALIZATION
On power-up of the AD6676, a host processor is required to
initialize and configure the AD6676 via its SPI port. Figure 145
shows a flowchart of the sequential steps required to bring the
AD6676 to an operational state. The number of SPI writes and total
initialization time is dependent on whether the clock synthesizer
is used, as well as any additional configuration associated with the
AGC features or its pin configurations. Note that wait states are
required during different steps in the initialization process to
allow various actions, such as calibration and tuning, to be
completed before moving to the next step.
Table 26 shows the minimum SPI writes required to enable the
AD6676. Note the following in the sequence of steps shown in
Table 26:
•
The example SPI writes pertain to the following settings:
FADC = 3.200 GHz, FO = 250 MHz, BW = 100 MHz, IDAC1FS =
2 mA, MRGN_L = MRGN_U = 10 MHz, MRGN_IF =
1 MHz, fDATA_IQ = 200 MSPS with decimate by 16, and fREF =
200 MHz with the clock synthesizer enabled.
•
Step 3 refers to Table 28 for the necessary SPI writes when
the clock synthesizer is enabled or disabled, respectively.
Example AGC parameters are included in Table 29 but are
nonessential to device operation.
•
The RESON1 calibration for the ADC occurs first with default
DEC_MODE setting. DEC_MODE is updated to the user
specified setting prior to JESD204B calibration.
•
ADC and JESD204B calibration and initialization must be
successful on first attempt. However, Step 24 and Step 30 are
included to provide coverage against external events (supply
or clock glitch) that can corrupt this process.
The AD6676EVB software GUI has an option that automatically
generates and saves the series of SPI writes in the .csv file
format, as shown in Table 25, which is the preferred method for
generating the AD6676 SPI write initialization sequence. Note
the following:
•
The SPI sequence can be shorter when the AD6676EVB
development platform is connected to the PC because the
software also performs a SPI read back and then only
writes to those SPI registers that have been changed from
its default setting.
•
To generate a SPI initialization sequence for an alternative
development platform, ensure that the AD6676EVB
development platform is disconnected from the PC
•
When the software GUI is configured for the profile feature,
Register 0x115 and Register 0x118 specify the calibration
and ADC profile, respectively, that pertain to the specific
ADC application parameter settings in Register 0x100 thru
Register 0x109 that follow. A SPI write of 0x01 to
Register 0x116 follows to initiate the ADC tuning. This
process repeats itself for the remaining specified profiles.
HARDWARE OR
SOFTWARE
RESET
AD6676
OPERATIONAL
PROGRAM CONFIGURATION SETTINGS
JESD204B CONFIGURATION
ADC PARAMETERS
RUN ADC CAL + JESD204B
INITIALIZATION
CALIBRATION + TUNING
INITIALIZE
CLK SYN
INITIALIZE
RF CLK
PATH
WAIT
(2ms)
WAIT
(400ms)
CLK SYN?
NO
YES
CAL OK?
NO
YES
ADC CAL/TUNE ERROR
(MAKE TWO MORE
ATTEMPTS)
ALL REGISTERS
RETURNED
TO DEFAULT
PROGRAM OPTIONAL SETTINGS
AGC CONFIGURATION
ADC SHUFFLER
RUN RESON1 CAL
WITH DEC_MODE=1
WAIT
(400ms)
CAL OK?
NO
YES
RESON1 TUNE ERROR
(MAKE TWO MORE
ATTEMPTS)
PROGRAM DECIMATION MODE
Figure 145. Flowchart for Initialization and Configuration of the AD6676
Table 25. Example of Saved .CSV File Format
Register Address
Write
0x000
0x99
0x2A5
0x05
0x2A0
0xC0
…
…
…
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com