Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 62Page - Analog Devices AD6676EBZ Datasheet HTML 63Page - Analog Devices AD6676EBZ Datasheet HTML 64Page - Analog Devices AD6676EBZ Datasheet HTML 65Page - Analog Devices AD6676EBZ Datasheet HTML 66Page - Analog Devices AD6676EBZ Datasheet HTML 67Page - Analog Devices AD6676EBZ Datasheet HTML 68Page - Analog Devices AD6676EBZ Datasheet HTML 69Page - Analog Devices AD6676EBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 66 of 90
REGISTER MEMORY MAP AND DETAILS
REGISTER MEMORY MAP
Note that all address and bit locations that are not included in Table 32 are not currently supported for this device.
Table 32. Register Summary
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x000
SPI_CONFIG
SW_RESET
LSB_FIRST
RESERVED
SDIO_DIR
SDIO_DIR
RESERVED
LSB_FIRST
SW_RESET
0x18
0x002
DEVICE_CONFIG
RESERVED
PD_MODE
0x00 RW
0x003
CHIP_TYPE
CHIP_TYPE
0x03 R
0x004
CHIP_ID0
CHIP_ID0
0xBB R
0x005
CHIP_ID1
CHIP_ID1
0x00 R
0x006
GRADE_REVISION
REVISION
GRADE
0x00 R
0x00C
VENDOR_ID0
VENDOR_ID0
0x56 R
0x00D
VENDOR_ID1
VENDOR_ID1
0x04 R
BP Σ-Δ ADC Configuration Settings
0x100
FADC_0
FADC_0
0x10 RW
0x101
FADC_1
FADC_1
0x0E RW
0x102
FIF_0
FIF_0
0x2C RW
0x103
FIF_1
FIF_1
0x01 RW
0x104
BW_0
BW_0
0x3C RW
0x105
BW_1
BW_1
0x00 RW
0x106
LEXT
LEXT
0x14 RW
0x107
MRGN_L
MRGN_L
0x05 RW
0x108
MRGN_U
MRGN_U
0x05 RW
0x109
MRGN_IF
MRGN_IF
0x00 RW
0x10A
IDAC1_FS
IDAC1_FS
0x40 RW
BP Σ-Δ ADC Calibration/Profile
0x115
CAL_CTRL
RESERVED
CAL_PROFILE
0x00 RW
0x116
CAL_CMD
RESERVED
INIT_NTF_OP
INIT_JESD
RESON1_CAL
FLASH_CAL
INIT_ADC
TUNE_ADC
0x00 RW
0x117
CAL_DONE
RESERVED
CAL_DONE
0x00 RW
0x118
ADC_PROFILE
RESERVED
ADC_PROFILE
0x00 W
0x11A
FORCE_END_CAL
RESERVED
FORCE_END_CAL
0x00 RW
Digital Signal Path
0x140
DEC_MODE
RESERVED
DEC_MODE
0x01 RW
0x141
MIX1_TUNING
RESERVED
MIX1_TUNING
0x05 RW
0x142
MIX2_TUNING
MIX2_TUNING
0x15 RW
0x143
MIX1_INIT
RESERVED
MIX1_INIT
0x00 RW
0x144
MIX2_INIT_LSB
MIX2_INIT_LSB
0x00 RW
0x145
MIX2_INIT_MSB
RESERVED
MIX2_INIT_MSB
0x00 RW
0x146
DP_CTRL
RESERVED
NOT_2S_COMPL
0x00 RW
Power Control
0x150
STANDBY
RESERVED
STBY_
VSS2GEN
STBY_CLK_PLL
STBY_JESD_
PLL
STBY_JESD_
PHY
STBY_FRAMER
STBY_DATAPATH STBY_DIGCLK
0x02 RW
0x151
PD_DIG
RESERVED
PD_FRAMER
PD_DATAPATH
PD_DIGCLK
0x00 RW
0x152
PD_PIN_CTRL
RESERVED
PD_PIN_EN
RESERVED
PD_PIN_SEL
0x00 RW
0x250
STBY_DAC
STBY_DAC
0xFF RW
Attenuator
0x180
ATTEN_MODE
RESERVED
ATTEN_MODE
0x00 RW
0x181
ATTEN_VALUE_PIN0
ATTEN_VALUE_PIN0
0x0C RW
0x182
ATTEN_VALUE_PIN1
ATTEN_VALUE_PIN1
0x0C RW
0x183
ATTEN_INIT
ATTEN_INIT
0x00 RW
0x184
ATTEN_CTL
ATT_PIN
RESERVED
ATTEN_READ
0x0C R
ADC Reset Control
0x188
ADCRE_THRH
RESERVED
ADCRE_THRH
0x05 RW
0x189
ADCRE_PULSE_LEN
RESERVED
ADCRE_PULSE_LEN
0x01 RW
0x18A
ATTEN_STEP_RE
RESERVED
ATTEN_STEP_RE
0x06 RW
Peak Detector and AGC Flag Control
0x18F
ADC_UNSTABLE
RESERVED
CLEAR_UNSTA
BLE FLAG
UNSTABLE
FLAG
0x00 RW
0x193
PKTHRH0_LSB
PKTHRH0_LSB
0x00 RW
0x194
PKTHRH0_MSB
RESERVED
PKTHRH0_MSB
0x00 RW
0x195
PKTHRH1_LSB
PKTHRH1_LSB
0x00 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com