Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 45Page - Analog Devices AD6676EBZ Datasheet HTML 46Page - Analog Devices AD6676EBZ Datasheet HTML 47Page - Analog Devices AD6676EBZ Datasheet HTML 48Page - Analog Devices AD6676EBZ Datasheet HTML 49Page - Analog Devices AD6676EBZ Datasheet HTML 50Page - Analog Devices AD6676EBZ Datasheet HTML 51Page - Analog Devices AD6676EBZ Datasheet HTML 52Page - Analog Devices AD6676EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 49 of 90
PHYSICAL LAYER INPUT/OUTPUTS
Digital Inputs
The AD6676 physical layer consists of consists of two digital
differential inputs, SYSREF± and SYNCINB±, whose equivalent
input circuits are shown in Figure 61 and Figure 64. These inputs
must be dc-coupled to their respective drivers because they are
or can be aperiodic. The SYNCINB± input is logic compliant to
both CMOS and LVDS via Register 0x1E7, Bit 2, with CMOS
being the default. Note that the SYNCINB± input includes an
internal 100 Ω termination resistor when LVDS is selected.
The optional SYSREF± input can be used for multichip
synchronization or establishing a repeatable latency between
the AD6676 and its host. The SYSREF± receiver circuit must be
disabled if not used (Register 0x1E7 = 0x04) to prevent
potential false triggering if the input pins are left open. The
SYSREF± input does not include an internal 100 Ω termination
resistor; thus, an external differential termination resistor must
be included if this input is used. The SYSREF± input is logic
complaint to LVPECL, LVDS, and CMOS.
Digital Outputs, Timing and Controls
The AD6676 physical layer consists of digital drivers that are
defined in the JEDEC Standard No. 204B (July 2011). These
CML drivers are powered up by default via Register 0x1E2. The
drivers utilize a dynamic 100 Ω internal termination to reduce
unwanted reflections. A 100 Ω differential termination resistor
at each receiver input results in a nominal 300 mV p-p swing at
the receiver.
The AD6676 JESD204B differential outputs can interface with
custom ASICs and FPGA receivers, providing superior switching
performance in noisy environments. Single point-to-point
network topologies are recommended with receiver inputs having
a nominal differential 100 Ω termination. The common mode
of the digital output automatically biases itself to half the VDDHSI
supply of 1.1 V (VCM = 0.55 V), thus making ac coupling the
preferred coupling method to the receiver logic as shown
Figure 122. DC coupling can be considered if the receiver device
shares the same VDDHSI supply and input common-mode range.
SERDOUTx+
VDDHSI
SERDOUTx–
OUTPUT SWING = 300mV
VCM = VDDHSI/2
100Ω
RECEIVER
100Ω
DIFFERENTIAL
TRACE PAIR
0.1µF
0.1µF
Figure 122. AC-Coupled Digital Output Termination Example
Timing errors caused by a degraded eye diagram at the receiver
input can often be attributed to poor far end termination or
differential trace routing. These potential error sources can be
reduced by using well controlled differential 100 Ω traces with
lengths below six inches that connect to receivers with integrated
differential 100 Ω resistors. Figure 123, Figure 124, and Figure 125
show examples of the digital output data eye, time interval error
(TIE) jitter histogram, and bathtub curve for one AD6676 lane
running at 5.333 Gbps with Register 0x1EC set to 0xBD. The
format of the output data is twos complement by default. The
output data format can be changed via Register 0x146.
400
–400
–300
–200
–100
0
100
200
300
–150
150
100
50
0
–50
–100
TIME (ps)
EYE: ALL BITS, OFFSET: –0.0055
UIs: 4000; 1059998, TOTAL: 4000; 1059998
Figure 123. Digital Outputs Data Eye with External 100 Ω Terminations at
5.333 Gbps in Accordance to LV-OIF-11G-SR Mask
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
–5
–4
–3
–2
–1
0
5
4
3
2
1
TIME (ps)
Figure 124. Digital Outputs Histogram with External 100 Ω Terminations at
5.333 Gbps
1
1–2
1–4
1–6
1–8
1–10
1–12
1–16
1–14
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.5
0.4
0.3
0.2
0.1
UIs
Figure 125. Digital Outputs Data Bathtub with External 100 Ω Terminations
at 5.333 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com