Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 81Page - Analog Devices AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices AD6676EBZ Datasheet HTML 85Page - Analog Devices AD6676EBZ Datasheet HTML 86Page - Analog Devices AD6676EBZ Datasheet HTML 87Page - Analog Devices AD6676EBZ Datasheet HTML 88Page - Analog Devices AD6676EBZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 85 of 90
Bits
Bit Name
Description
Reset
Access
5
MIX_NEXT
Once set, only the next SYSREF pulse that is used to align the clock dividers is also
used to reset the mixers NCO phases. This bit self clears after use. This bit is only
active when Bit 1 is also active.
0x0
RWAC
4
MIX_ALL
Any SYSREF that is used to align the clocks is also used to reset the mixers' NCO
phases. This bit is only active when Bit 0 is also active.
0x0
RW
3
RESERVED
0x0
RW
2
USE_2ND_SYSREF
When used in conjunction with Bit 1, setting this bit causes the second SYSREF to be
used for alignment rather than the first. This bit does not self clear.
0x0
RW
1
NEXT_SYSREF
Once set, only the next SYSREF pulse is used to align the clock dividers. This bit self-
clears after the next SYSREF.
0x0
RWAC
0
ALL_SYSREF
All SYSREF pulses are used to align the clock dividers.
0x0
RW
LMFC Offset Register
Address: 0x1E9, Reset: 0x00, Name: K_OFFSET
Table 113. Bit Descriptions for K_OFFSET
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
K_OFFSET
This register provides an offset that moves the position of the internal LMFC
with respect to SYSREF. A larger value places the LMFC later in time. In units of
frame periods.
0x00
RW
SYSREF Window Register
Address: 0x1EA, Reset: 0x00, Name: SYSREF
Table 114. Bit Descriptions for SYSREF
Bits
Bit Name
Description
Reset
Access
[7:4]
SYSREF_WIN_NEG
SYSREF_WIN_NEG. Do not align clocks if SYSREF is no earlier than register
value before its expected position. In units of 2/F
ADC.
0x0
RW
[3:0]
SYSREF_WIN_POS
SYSREF_WIN_POS. Do not align clocks if SYSREF is no later than register
value after its expected position. In units of 2/F
ADC.
0x0
RW
PHY Control 0 Register
Address: 0x1EB, Reset: 0x1C, Name: SER1
Table 115. Bit Descriptions for SER1
Bits
Bit Name
Description
Reset
Access
7
SER_DRV_PS
Serializer Polarity Selection.
0x0
RW
0 = Polarity not inverted.
1 = Polarity inverted.
[6:0]
RESERVED
0x1C
RW
PHY Control 1 Register
Address: 0x1EC, Reset: 0x00, Name: SER2
Table 116. Bit Descriptions for SER1
Bits
Bit Name
Description
Reset
Access
[7:4]
SER_ITRIM
Driver bias current trim with recommended setting of 0x0B.
0x9
RW
[3:0]
SER_RTRIM
Resistor termination code with recommended setting of 0x0D.
0xB
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com