Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 70Page - Analog Devices AD6676EBZ Datasheet HTML 71Page - Analog Devices AD6676EBZ Datasheet HTML 72Page - Analog Devices AD6676EBZ Datasheet HTML 73Page - Analog Devices AD6676EBZ Datasheet HTML 74Page - Analog Devices AD6676EBZ Datasheet HTML 75Page - Analog Devices AD6676EBZ Datasheet HTML 76Page - Analog Devices AD6676EBZ Datasheet HTML 77Page - Analog Devices AD6676EBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 74 of 90
Standby Register
Address: 0x150, Reset: 0x02, Name: STANDBY
When bits in this register are set, the corresponding blocks enter a power-down state when the chip enters standby mode.
Table 63. Bit Descriptions for STANDBY
Bits
Bit Name
Description
Reset
Access
7
RESERVED
0x0
RW
6
STBY_VSS2GEN
1: power down negative supply (VSS2) generator during standby.
0x0
RW
5
STBY_CLK_PLL
1: power down main clock PLL during standby.
0x0
RW
4
STBY_JESD_PLL
1: power down JESD interface PLL during standby.
0x0
RW
3
STBY_JESD_PHY
1: power down JESD interface transmitters during standby.
0x0
RW
2
STBY_FRAMER
1: power down JESD interface framer logic during standby.
0x0
RW
1
STBY_DATAPATH
1: power down digital datapath during standby.
0x1
RW
0
STBY_DIGCLK
1: disable all digital clocks during standby.
0x0
RW
Digital Power-Down Register
Address: 0x151, Reset: 0x00, Name: PD_DIG
Table 64. Bit Descriptions for PD_DIG
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
0x00
RW
2
PD_FRAMER
1: power down JESD interface framer logic.
0x0
RW
1
PD_DATAPATH
1: power down digital datapath.
0x0
RW
0
PD_DIGCLK
1: power down all digital clocks.
0x0
RW
Standby Pin Control Register
Address: 0x152, Reset: 0x00, Name: PD_PIN_CTRL
Table 65. Bit Descriptions for PD_PIN_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
4
PD_PIN_EN
Enable Standby Mode Control from a GPIO Pin.
0x0
RW
0
Use only register 2 to select standby mode.
1
Use Register 2 or the selected pin to select standby mode. Standby mode
is the logical OR of the register setting and the pin state.
[3:2]
RESERVED
0x0
RW
[1:0]
PD_PIN_SEL
Select GPIO pin for standby control.
0x0
RW
00
Use AGC1 for standby control.
01
Use AGC2 for standby control.
10
Use AGC3 for standby control.
11
Use AGC4 for standby control.
Attenuator Mode Register
Address: 0x180, Reset: 0x00, Name: ATTEN_MODE
Table 66. Bit Descriptions for ATTEN_MODE
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
0x00
RW
0
ATTEN_MODE
Attenuator Mode.
0x0
RW
0 = Use AGC2 pin to select between values in Register 0x0181 and Register 0x0182.
1 = Use AGC1 and AGC2 pins to decrement/increment attenuation value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com