Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 80 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 80 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 76Page - Analog Devices AD6676EBZ Datasheet HTML 77Page - Analog Devices AD6676EBZ Datasheet HTML 78Page - Analog Devices AD6676EBZ Datasheet HTML 79Page - Analog Devices AD6676EBZ Datasheet HTML 80Page - Analog Devices AD6676EBZ Datasheet HTML 81Page - Analog Devices AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 80 of 90
JESD204 DID Register
Address: 0x1C0, Reset: 0x00, Name: DID
Table 91. Bit Descriptions for DID
Bits
Bit Name
Description
Reset
Access
[7:0]
DID
Device ID
0x00
RW
JESD204 BID Register
Address: 0x1C1, Reset: 0x00, Name: BID
Table 92. Bit Descriptions for BID
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
R
[3:0]
BID
Bank ID
0x0
RW
JESD204 L/SCR Register
Address: 0x1C3, Reset: 0x00, Name: L
Table 93. Bit Descriptions for L
Bits
Bit Name
Settings
Description
Reset
Access
7
SCR
SCR Parameter.
0x0
RW
0
Scrambling disabled.
1
Scrambling enabled.
[6:5]
RESERVED
0x0
RW
[4:0]
L
L Parameter.
0x00
RW
00000
One lane.
00001
Two lanes.
JESD204 F Register
Address: 0x1C4, Reset: 0x03, Name: F
Table 94. Bit Descriptions for F
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
F
Octest per Frame per Lane.
0x03
RW
00000001
F = 2
00000011
F = 4
JESD204 K Register
Address: 0x1C5, Reset: 0x1F, Name: K
Table 95. Bit Descriptions for K
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
K
Frames per multiframe. Number of frames per multiframe is the register
value plus one.
0x1F
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com