Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 16Page - Analog Devices AD6676EBZ Datasheet HTML 17Page - Analog Devices AD6676EBZ Datasheet HTML 18Page - Analog Devices AD6676EBZ Datasheet HTML 19Page - Analog Devices AD6676EBZ Datasheet HTML 20Page - Analog Devices AD6676EBZ Datasheet HTML 21Page - Analog Devices AD6676EBZ Datasheet HTML 22Page - Analog Devices AD6676EBZ Datasheet HTML 23Page - Analog Devices AD6676EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 20 of 90
0
–120
–100
–80
–60
–40
–20
220
480
460
440
420
400
380
360
340
320
300
280
260
240
INPUT FREQUENCY (MHz)
IF PASS BAND
REGION
WORST SWEPT SPUR FOR
–1dBFS CW AT –3.3dBm
–1dBFS
AT 372MHz
–77dBFS
AT 267MHz
CLOCK SPUR
–83dBFS
IMAGE SPUR
NBW = 12.2kHz
Figure 52. Worst Spur Falling in 160 MHz Pass Band for Swept CW from
217 MHz to 484 MHz
0
–120
–100
–80
–60
–40
–20
270
290
310
330
350
370
390
410
430
INPUT FREQUENCY (MHz)
TWO TONE AT –8dBFS
(–10.4dBm)
AT 340MHz AND
360MHz
–93dBFS
–87dBFS
NBW = 12.2kHz
Figure 53. Two-Tone IMD Performance
(f1 = 340 MHz, f2 = 360 MHz)
INPUT AMPLITUDE (dBFS)
–39
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
–80
–85
–90
–95
–100
–105
–110
–115
Figure 54. Swept Two-Tone Worst IMD3 vs. Tone Level (dBFS)
(f1 = 347.5 MHz, f2 = 352.5 MHz)
–80
–85
–90
–95
–105
–100
INPUT FREQUENCY (MHz)
220 240 260 280 300 320 340 360 380 400 420 440 460 480
–1dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 55. Swept Worst Pass Band Spur with CW Swept from 217 MHz to 484 MHz
over PIN =−1 dBFS, −6 dBFS,−12dBFS, and−18 dBFS
0
–120
–100
–80
–60
–40
–20
270
290
310
330
350
370
390
410
430
INPUT FREQUENCY (MHz)
TWO TONE
AT –8dBFS
(–10.4dBm)
AT 325MHz AND
375MHz
–74dBFS
–87dBFS
NBW = 12.2kHz
Figure 56. Two-Tone IMD Performance
(f1 = 325 MHz, f2 = 375 MHz)
FREQUENCY (MHz)
270
290
310
330
350
370
390
410
430
–75
–80
–85
–90
–95
–100
–105
–20dBFS
–14dBFS
–8dBFS
Figure 57. Swept Two-Tone Worst IMD3 vs. Frequency over Pass Band
(∆f = 5 MHz for Two Tones, PIN =−8 dBFS, −14 dBFS, and −20 dBFS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com