Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 46 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 46 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 50Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 46 of 107
April 2015 – Revision 2.1
4.4.1
VGA MODE
When a VGA-compatible device exists downstream from PI7C8150B, set the VGA mode
bit in the bridge control register in configuration space to enable VGA mode. When
PI7C8150B is operating in VGA mode, it forwards downstream those transactions
addressing the VGA frame buffer memory and VGA I/O registers, regardless of the values
of the base and limit address registers. PI7C8150B ignores transactions initiated on the
secondary interface addressing these locations.
The VGA frame buffer consists of the following memory address range:
000A 0000h–000B FFFFh
Read transactions to frame buffer memory are treated as non-prefetchable. PI7C8150B
requests only a single data transfer from the target, and read byte enable bits are forwarded
to the target bus.
The VGA I/O addresses are in the range of 3B0h–3BBh and 3C0h–3DFh I/O. These I/O
addresses are aliases every 1KB throughout the first 64KB of I/O space. This means that
address bits <15:10> are not decoded and can be any value, while address bits [31:16] must
be all 0’s. VGA BIOS addresses starting at C0000h are not decoded in VGA mode.
4.4.2
VGA SNOOP MODE
PI7C8150B provides VGA snoop mode, allowing for VGA palette write transactions to be
forwarded downstream. This mode is used when a graphics device downstream from
PI7C8150B needs to snoop or respond to VGA palette write transactions. To enable the
mode, set the VGA snoop bit in the command register in configuration space. Note that
PI7C8150B claims VGA palette write transactions by asserting DEVSEL_L in VGA snoop
mode.
When VGA snoop bit is set, PI7C8150B forwards downstream transactions within the
3C6h, 3C8h and 3C9h I/O addresses space. Note that these addresses are also forwarded as
part of the VGA compatibility mode previously described. Again, address bits <15:10> are
not decoded, while address bits <31:16> must be equal to 0, which means that these
addresses are aliases every 1KB throughout the first 64KB of I/O space.
Note: If both the VGA mode bit and the VGA snoop bit are set, PI7C8150B behaves in the
same way as if only the VGA mode bit were set.
5
TRANSACTION ORDERING
To maintain data coherency and consistency, PI7C8150B complies with the ordering rules
set forth in the PCI Local Bus Specification, Revision 2.3, for transactions crossing the
bridge. This chapter describes the ordering rules that control transaction forwarding across
PI7C8150B.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com