Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 69 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 69 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 73Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 69 of 107
April 2015 – Revision 2.1
Table 10-2. GPIO Serial Data Format
Bit
Description
S_CLKOUT
[1:0]
Slot 0 PRSNT#[1:0] or device 0
0
[3:2]
Slot 1 PRSNT#[1:0] or device 1
1
[5:4]
Slot 2 PRSNT#[1:0] or device 2
2
[7:6]
Slot 3 PRSNT#[1:0] or device 3
3
[8]
Device 4
4
[9]
Device 5
5
[10]
Device 6
6
[11]
Device 7
7
[12]
Device 8
8
[13]
PI7C8150B S_CLKIN
9
[14]
Reserved
NA
[15]
Reserved
NA
The first 8 bits contain the PRSNT#[1:0] signal values for four slots, and these bits control
the S_CLKOUT[3:0] outputs. If one or both of the PRSNT#[1:0] signals are 0, that
indicates that a card is present in the slot and therefore the secondary clock for that slot is
not masked. If these clocks are connected to devices and not to slots, one or both of the bits
should be tied low to enable the clock.
The next 5 bits are the clock mask for devices; each bit enables or disables the clock for
one device. These bits control the S_CLKOUT[8:4] outputs: 0 enables the clock, and 1
disables the clock.
Bit 13 is the clock enable bit for S_CLKOUT[9], which is connected to PI7C8150B’s
S_CLKIN input.
If desired, the assignment of S_CLKOUT outputs to slots, devices, and PI7C8150B’s
S_CLKIN input can be rearranged from the assignment shown here. However, it is
important that the serial data stream format match the assignment of S_CLKOUT.
The 8 least significant bits are connected to the PRSNT# pins for the slots. The next 5 bits
are tied high to disable their respective secondary clocks because those clocks are not
connected to anything. The next bit is tied LOW because that secondary clock output is
connected to the PI7C8150B S_CLKIN input. When the secondary reset signal, S_RST_L,
is detected asserted and the primary reset signal, P_RST_L, is detected deasserted,
PI7C8150B drives GPIO[2] LOW for one cycle to load the clock mask inputs into the shift
register. On the next cycle, PI7C8150B drives GPIO[2] HIGH to perform a shift operation.
This shifts the clock mask into MSK_IN; the most significant bit is shifted in first, and the
least significant bit is shifted in last.
After the shift operation is complete, PI7C8150B tri-states the GPIO signals and can
deassert S_RST_L if the secondary reset bit is clear. PI7C8150B then ignores MSK_IN.
Control of the GPIO signal now reverts to PI7C8150B GPIO control registers. The clock
disable mask can be modified subsequently through a configuration write command to the
secondary clock control register in device-specific configuration space.
10.3
LIVE INSERTION
The GPIO[3] pin can be used, along with a live insertion mode bit, to disable transaction
forwarding.
To enable live insertion mode, the live insertion mode bit in the chip control register must
be set to 1, and the output enable control for GPIO[3] must be set to input only in the GPIO
output enable control register. When live insertion mode is enabled, whenever GPIO[3] is
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com