Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 91 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 91 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 95Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 91 of 107
April 2015 – Revision 2.1
14.1.45
PRIMARY BUS MASTER TIMEOUT COUNTER – OFFSET 80h
Bit
Function
Type
Description
31:16
Primary Timeout
R/W
There are 2 control settings for the primary bus master timeout
counter. Bit[24] offset 3Ch can set the counter to either 2
10 or 215
clocks. Bit[31:16] offset 80h may control the granularity down to 1
PCI clock (from 0h to FFFFh). Both controls will over-write each
other, with the last write value being used for the initial value loaded
into the timeout counter. The timeout counter will start after the last
data (if less than a cache line) or the first cache line data (if more than
one cache line) is completed to the bridge. Once the timeout counter
expires, the corresponding data in the buffer will be discarded.
Reset to 8000h.
14.1.46
CAPABILITY ID REGISTER – OFFSET B0h
Bit
Function
Type
Description
7:0
Capability ID
R/O
Capability ID for slot identification
00h: Reserved
01h: PCI Power Management (PCIPM)
02h: Accelerated Graphics Port (AGP)
03h: Vital Product Data (VPD)
04h: Slot Identification (SI)
05h: Message Signaled Interrupts (MSI)
06h: Compact PCI Hot Swap (CHS)
07h – 255h: Reserved
Reset to 04h
14.1.47
NEXT POINTER REGISTER – OFFSET B0h
Bit
Function
Type
Description
15:8
Next Pointer
R/O
Next pointer =11100100: next pointer(E4h if HS_EN=1)
=00000000: next pointer(00h if HS_EN=0)
14.1.48
SLOT NUMBER REGISTER – OFFSET B0h
Bit
Function
Type
Description
20:16
Expansion Slot
Number
R/W
Determines expansion slot number
Reset to 0
21
First in Chassis
R/W
First in chassis
Reset to 0
23:22
Reserved
R/O
Reserved. Returns 0 when read.
14.1.49
CHASSIS NUMBER REGISTER – OFFSET B0h
Bit
Function
Type
Description
31:24
Chassis Number
Register
R/W
Chassis number register.
Reset to 0
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com