Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 100 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 100 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 104Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 100 of 107
April 2015 – Revision 2.1
Boundary-Scan
Register Number
Pin Name
Pin Number
Type
54
S_REQ_L[5]
6
INPUT
55
S_REQ_L[6]
7
INPUT
56
S_REQ_L[7]
8
INPUT
57
S_REQ_L[8]
9
INPUT
58
S_GNT_L[0]
10
OUTPUT
59
S_GNT_L[1]
11
OUTPUT
60
CONTROL
61
S_GNT_L[2]
13
OUTPUT
62
S_GNT_L[3]
14
OUTPUT
63
S_GNT_L[4]
15
OUTPUT
64
S_GNT_L[5]
16
OUTPUT
65
S_GNT_L[6]
17
OUTPUT
66
S_GNT_L[7]
18
OUTPUT
67
S_GNT_L[8]
19
OUTPUT
68
S_CLKIN
21
INPUT
69
S_RESET_L
22
OUTPUT
70
S_CFN_L
23
INPUT
71
GPIO[3]
24
BIDIR
72
GPIO[2]
25
BIDIR
73
GPIO[1]
27
BIDIR
74
GPIO[0]
28
BIDIR
75
S_CLKOUT[0]
29
OUTPUT
76
S_CLKOUT[1]
30
OUTPUT
77
CONTROL
78
S_CLKOUT[2]
32
OUTPUT
79
S_CLKOUT[3]
33
OUTPUT
80
S_CLKOUT[4]
35
OUTPUT
81
S_CLKOUT[5]
36
OUTPUT
82
S_CLKOUT[6]
38
OUTPUT
83
S_CLKOUT[7]
39
OUTPUT
84
S_CLKOUT[8]
41
OUTPUT
85
S_CLKOUT[9]
42
OUTPUT
86
P_RESET_L
43
INPUT
87
BPCCE
44
INPUT
88
P_CLK
45
INPUT
89
P_GNT_L
46
INPUT
90
P_REQ_L
47
OUTPUT
91
CONTROL
92
P_AD[31]
49
BIDIR
93
P_AD[30]
50
BIDIR
94
P_AD[29]
55
BIDIR
95
P_AD[28]
57
BIDIR
96
P_AD[27]
58
BIDIR
97
P_AD[26]
60
BIDIR
98
P_AD[25]
61
BIDIR
99
P_AD[24]
63
BIDIR
100
P_CBE[3]
64
BIDIR
101
P_IDSEL
65
INPUT
102
P_AD[23]
67
BIDIR
103
P_AD[22]
68
BIDIR
104
P_AD[21]
70
BIDIR
105
P_AD[20]
71
BIDIR
106
P_AD[19]
73
BIDIR
107
P_AD[18]
74
BIDIR
108
P_AD[17]
76
BIDIR
109
P_AD[16]
77
BIDIR
110
CONTROL
111
P_CBE[2]
79
BIDIR
112
P_FRAME_L
80
BIDIR
113
P_IRDY_L
82
BIDIR
114
P_TRDY_L
83
BIDIR
115
P_DEVSEL_L
84
BIDIR
116
P_STOP_L
85
BIDIR
117
CONTROL
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com