Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 85 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 85 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 89Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 85 of 107
April 2015 – Revision 2.1
14.1.32
UPSTREAM MEMORY CONTROL REGISTER – OFFSET 48h
Bit
Function
Type
Description
16
Upstream (S to
P) Memory Base
and Limit Enable
R/W
0: Upstream memory is the entire range except the down stream
memory channel
1: Upstream memory is confined to upstream Memory Base and
Limit (See offset 50
th and 54th for upstream memory range)
Reset to 0
31:17
Reserved
R/O
Reserved. Returns 0 when read.
14.1.33
SECONDARY BUS ARBITER PREEMPTION CONTROL
REGISTER – OFFSET 4Ch
Bit
Function
Type
Description
31:28
Secondary bus
arbiter
preemption
contorl
R/W
Controls the number of clock cycles after frame is asserted before
preemption is enabled.
1xxx: Preemption off
0000: Preemption enabled after 0 clock cycles
0001: Preemption enabled after 1 clock cycle
0010: Preemption enabled after 2 clock cycles
0011: Preemption enabled after 4 clock cycles
0100: Preemption enabled after 8 clock cycles
0101: Preemption enabled after 16 clock cycles
0110: Preemption enabled after 32 clock cycles
0111: Preemption enabled after 64 clock cycles
Reset to 0000
27:0
Hot Swap Switch
Time Slot
Register (15K
PCI clocks
R/W
Default is 0003A98
14.1.34
UPSTREAM (S TO P) MEMORY BASE REGISTER – OFFSET 50h
Bit
Function
Type
Description
3:0
64 bit addressing
R/O
0: 32 bit addressing
1: 64 bit addressing
Reset to 1
15:4
Upstream
Memory Base
Address
R/W
Controls upstream memory base address.
Reset to 00000000h
14.1.35
UPSTREAM (S TO P) MEMORY LIMIT REGISTER – OFFSET 50h
Bit
Function
Type
Description
19:16
64 bit addressing
R/O
0: 32 bit addressing
1: 64 bit addressing
Reset to 1
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com