Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 82 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 82 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 86Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 82 of 107
April 2015 – Revision 2.1
Bit
Function
Type
Description
19
VGA enable
R/W
Controls the bridge’s response to VGA compatible addresses.
0: does not forward VGA compatible memory and I/O addresses
from primary to secondary
1: forward VGA compatible memory and I/O addresses from primary
to secondary regardless of other settings
Reset to 0
20
Reserved
R/O
Reserved. Returns 0 when read.
21
Master Abort
Mode
R/W
Control’s bridge’s behavior responding to master aborts on
secondary interface.
0: does not report master aborts (returns FFFF_FFFFh on reads and
discards data on writes)
1: reports master aborts by signaling target abort if possible by the
assertion of P_SERR_L if enabled
Reset to 0
22
Secondary
Interface Reset
R/W
Controls the assertion of S_RESET_L signal pin on the secondary
interface
0: does not force the assertion of S_RESET_L pin
1: forces the assertion of S_RESET_L
Reset to 0
23
Fast Back-to-
Back Enable
R/W
Controls bridge’s ability to generate fast back-to-back transactions to
different devices on the secondary interface.
0: does not allow fast back-to-back transactions
1: enables fast back-to-back transactions
Reset to 0
24
Primary Master
Timeout
R/W
Set’s the maximum number of PCI clocks the bridge will wait for an
initiator on the primary to repeat a delayed transaction request. The
counter starts right after the delayed transaction is at the front of the
queue. If the master has not repeated at least once before the counter
expires, the bridge discards the transaction from the queue.
0: 2
15
PCI clocks
1: 2
10
PCI clocks
Reset to 0
25
Secondary
Master Timeout
R/W
Set’s the maximum number of PCI clocks the bridge will wait for an
initiator on the secondary to repeat a delayed transaction request. The
counter starts right after the delayed transaction is at the front of the
queue. If the master has not repeated at least once before the counter
expires, the bridge discards the transaction from the queue.
0: 2
15
PCI clocks
1: 2
10
PCI clocks
Reset to 0
26
Master Timeout
Status
R/WC
This bit is set to 1 when either the primary master timeout counter or
secondary master timeout counter expires.
Reset to 0
27
Discard Timer
P_SERR_L
enable
R/W
This bit is set to 1 and P_SERR_L is asserted when either the
primary discard timer or the secondary discard timer expire.
Reset to 0
31-28
Reserved
R/O
Reserved. Returns 0 when read.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com