Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 65 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 65 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 65 of 107
April 2015 – Revision 2.1
Priorities are re-evaluated every time S_FRAME_L is asserted at the start of each new
transaction on the secondary PCI bus. From this point until the time that the next
transaction starts, the arbiter asserts the grant signal corresponding to the highest priority
request that is asserted. If a grant for a particular request is asserted, and a higher priority
request subsequently asserts, the arbiter de-asserts the asserted grant signal and asserts the
grant corresponding to the new higher priority request on the next PCI clock cycle. When
priorities are re-evaluated, the highest priority is assigned to the next highest priority
master relative to the master that initiated the previous transaction. The master that initiated
the last transaction now has the lowest priority in its group.
If PI7C8150B detects that an initiator has failed to assert S_FRAME_L after 16 cycles of
both grant assertion and a secondary idle bus condition, the arbiter de-asserts the grant.
To prevent bus contention, if the secondary PCI bus is idle, the arbiter never asserts one
grant signal in the same PCI cycle in which it de-asserts another. It de-asserts one grant and
asserts the next grant, no earlier than one PCI clock cycle later. If the secondary PCI bus is
busy, that is, S_FRAME_L or S_IRDY_L is asserted, the arbiter can be de-asserted one
grant and asserted another grant during the same PCI clock cycle.
8.2.2
PREEMPTION
Preemption can be programmed to be either on or off, with the default to on (offset 4Ch, bit
31=0). Time-to-preempt can be programmed to 0, 1, 2, 4, 8, 16, 32, or 64 (default is 0)
clocks. If the current master occupies the bus and other masters are waiting, the current
master will be preempted by removing its grant (GNT#) after the next master waits for the
time-to-preempt.
8.2.3
SECONDARY BUS ARBITRATION USING AN EXTERNAL
ARBITER
The internal arbiter is disabled when the secondary bus central function control pin,
S_CFN_L, is tied HIGH. An external arbiter must then be used.
When S_CFN_L is tied HIGH, PI7C8150B, reconfigures two pins to be external request
and grant pins. The S_GNT_L[0] pin is reconfigured to be the external request pin because
it’s an output. The S_REQ_L[0] pin is reconfigured to be the external grant pin because
it’s an input. When an external arbiter is used, PI7C8150B uses the S_GNT_L[0] pin to
request the secondary bus. When the reconfigured S_REQ_L[0] pin is asserted LOW after
PI7C8150B has asserted S_GNT_L[0], PI7C8150B initiates a transaction on the secondary
bus one cycle later. If grant is asserted and PI7C8150B has not asserted the request,
PI7C8150B parks AD, CBE and PAR pins by driving them to valid logic levels.
The unused secondary bus grant outputs, S_GNT_L[8:1] are driven HIGH. The unused
secondary bus request inputs, S_REQ_L[8:1], should be pulled HIGH.
8.2.4
BUS PARKING
Bus parking refers to driving the AD[31:0], CBE[3:0], and PAR lines to a known value
while the bus is idle. In general, the device implementing the bus arbiter is responsible for
parking the bus or assigning another device to park the bus. A device parks the bus when
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com