Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 67 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 67 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 71Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 67 of 107
April 2015 – Revision 2.1
Primary (MHz)
Secondary (MHz)
25MHz to 33MHz
25MHz to 33MHz
To set asynchronous mode support, MS0 and MS1 must be configured accordingly:
MS0
MS1
Description
0
0
Reserved for future use
0
1
Reserved for future use
1
0
Synchronous Mode
1
1
Asynchronous Mode
When MS0 and MS1 are pulled to HIGH during the deassertion of P_RST, PI7C8150B
will go into asynchronous mode. The secondary clock outputs will then be derived from
ASYNC_CLKIN and not P_CLK. S_CLKOUT[9] is still connected to S_CLKIN to
provide the same timing as the bus clocks. CFG66/SCAN_EN_H becomes CLK_RATE in
asynchronous mode. Pulling CLK_RATE HIGH sets S_CLKOUT[9:0] equal to
ASYNC_CLKIN. Pulling CLK_RATE LOW sets S_CLKOUT[9:0] to half the frequency
of ASYNC_CLKIN. PI7C8150B will not be able to drive S_M66EN in asynchronous
mode.
10
GENERAL PURPOSE I/O INTERFACE
The PI7C8150B implements a 4-pin general purpose I/O interface. During normal
operation, device specific configuration registers control the GPIO interface. The GPIO
interface can be used for the following functions:
During secondary interface reset, the GPIO interface can be used to shift in a 16-bit
serial stream that serves as a secondary bus clock disable mask.
Along with the GPIO[3] pin, a live insertion bit can be used to bring the PI7C8150B to
a halt through hardware, permitting live insertion of option cards behind the
PI7C8150B.
10.1
GPIO CONTROL REGISTERS
During normal operation, the following device specific configuration registers control the
GPIO interface:
The GPIO output data register
The GPIO output enable control register
The GPIO input data register
These registers consist of five 8-bit fields:
Write-1-to-set output data field
Write-1-to-clear output data field
Write-1-to-set signal output enable control field
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com