Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 15 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 15 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 19Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 15 of 107
April 2015 – Revision 2.1
Name
Pin #
Pin #
Type
Description
S_DEVSEL_L
175
A11
STS
Secondary Device Select (Active LOW): Asserted by
the target indicating that the device is accepting the
transaction. As a master, PI7C8150B waits for the
assertion of this signal within 5 cycles of S_FRAME_L
assertion; otherwise, terminate with master abort. Before
tri-stated, it is driven to a de-asserted state for one cycle.
S_STOP_L
173
B11
STS
Secondary STOP (Active LOW): Asserted by the
target indicating that the target is requesting the initiator
to stop the current transaction. Before tri-stated, it is
driven to a de-asserted state for one cycle.
S_LOCK_L
172
C11
STS
Secondary LOCK (Active LOW): Asserted by the
master for multiple transactions to complete.
S_PERR_L
171
A12
STS
Secondary Parity Error (Active LOW): Asserted
when a data parity error is detected for data received on
the secondary interface. Before being tri-stated, it is
driven to a de-asserted state for one cycle.
S_SERR_L
169
D11
I
Secondary System Error (Active LOW): Can be
driven LOW by any device to indicate a system error
condition.
S_REQ_L[8:0]
9, 8, 7, 6, 5, 4, 3,
2, 207
E4, E3, D2, C1,
C2, D3, A2,B3,
B4
I
Secondary Request (Active LOW): This is asserted by
an external device to indicate that it wants to start a
transaction on the secondary bus. The input is externally
pulled up through a resistor to VDD.
S_GNT_L[8:0]
19, 18, 17, 16, 15,
14, 13, 11, 10
G1, F1, F2, G3,
F4, E1, E2,F3,
D1
TS
Secondary Grant (Active LOW): PI7C8150B asserts
this pin to access the secondary bus. PI7C8150B de-
asserts this pin for at least 2 PCI clock cycles before
asserting it again. During idle and S_GNT_L asserted,
PI7C8150B will drive S_AD, S_CBE, and S_PAR.
S_RESET_L
22
H1
O
Secondary RESET (Active LOW): Asserted when any
of the following conditions are met:
1.
Signal P_RESET_L is asserted.
2.
Secondary reset bit in bridge control register in
configuration space is set.
When asserted, all control signals are tri-stated and
zeroes are driven on S_AD, S_CBE, and S_PAR.
S_M66EN
153
D15
I/OD
Secondary Interface 66MHz Operation:
In synchronous mode, this input is used to specify if
PI7C8150B is running at 66MHz on the secondary side.
When HIGH, the Secondary bus may run at 66MHz.
When LOW, the Secondary bus may only run at
33MHz.
If P_M66EN is pulled LOW, the S_M66EN is also
driven LOW.
In asynchronous mode, S_M66EN is an input pin and
operates independently from P_M66EN. S_M66EN
should be pulled up to a logic “1” when the secondary
frequency is 66MHz, or pulled down to a logic “0” when
the secondary frequency is 33MHz.
S_CFN_L
23
H2
I
Secondary Bus Central Function Control Pin: When
tied LOW, it enables the internal arbiter. When tied
HIGH, an external arbiter must be used. S_REQ_L[0] is
reconfigured to be the secondary bus grant input, and
S_GNT_L[0] is reconfigured to be the secondary bus
request output. S_CFN_L has a weak internal pull-
down resistor.
2.2.3
CLOCK SIGNALS
Name
Pin #
Pin #
Type
Description
P_CLK
45
M4
I
Primary Clock Input: Provides timing for all
transactions on the primary interface.
S_CLKIN
21
H3
I
Secondary Clock Input: Provides timing for all
transactions on the secondary interface.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com