Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 49 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 49 of 107
April 2015 – Revision 2.1
1. Posted write transactions must complete on the target bus in the order in which they
were received on the initiator bus. The subsequent posted write transaction can be setting a
flag that covers the data in the first posted write transaction; if the second transaction were
to complete before the first transaction, a device checking the flag could subsequently
consume stale data.
2. A delayed read request traveling in the same direction as a previously queued posted
write transaction must push the posted write data ahead of it. The posted write transaction
must complete on the target bus before the delayed read request can be attempted on the
target bus. The read transaction can be to the same location as the write data, so if the read
transaction were to pass the write transaction, it would return stale data.
3. A delayed read completion must ‘‘pull’’ ahead of previously queued posted write data
traveling in the same direction. In this case, the read data is traveling in the same direction
as the write data, and the initiator of the read transaction is on the same side of PI7C8150B
as the target of the write transaction. The posted write transaction must complete to the
target before the read data is returned to the initiator. The read transaction can be a reading
to a status register of the initiator of the posted write data and therefore should not
complete until the write transaction is complete.
4. Delayed write requests cannot pass previously queued posted write data. For posted
memory write transactions, the delayed write transaction can set a flag that covers the data
in the posted write transaction. If the delayed write request were to complete before the
earlier posted write transaction, a device checking the flag could subsequently consume
stale data.
5. Posted write transactions must be given opportunities to pass delayed read and write
requests and completions. Otherwise, deadlocks may occur when some bridges which
support delayed transactions and other bridges which do not support delayed transactions
are being used in the same system. A fairness algorithm is used to arbitrate between the
posted write queue and the delayed transaction queue.
5.4
DATA SYNCHRONIZATION
Data synchronization refers to the relationship between interrupt signaling and data
delivery. The PCI Local Bus Specification, Revision 2.3, provides the following alternative
methods for synchronizing data and interrupts:
The device signaling the interrupt performs a read of the data just written (software).
The device driver performs a read operation to any register in the interrupting device
before accessing data written by the device (software).
System hardware guarantees that write buffers are flushed before interrupts are
forwarded.
PI7C8150B does not have a hardware mechanism to guarantee data synchronization for
posted write transactions. Therefore, all posted write transactions must be followed by a
read operation, either from the device to the location just written (or some other location
along the same path), or from the device driver to one of the device registers.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com