Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 55 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 55 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 55 of 107
April 2015 – Revision 2.1
PI7C8150B asserts S_PERR_L two cycles after the data transfer, if the parity error
response bit is set in the bridge control register of the secondary interface.
PI7C8150B sets the parity error detected bit in the status register of the secondary
interface.
PI7C8150B captures and forwards the bad parity condition to the primary bus.
PI7C8150B completes the transaction normally.
During downstream write transactions, when a data parity error is reported on the target
(secondary) bus by the target’s assertion of S_PERR_L, the following events occur:
PI7C8150B sets the data parity detected bit in the status register of secondary interface,
if the parity error response bit is set in the bridge control register of the secondary
interface.
PI7C8150B asserts P_SERR_L and sets the signaled system error bit in the status
register, if all the following conditions are met:
The SERR_L enable bit is set in the command register.
The posted write parity error bit of P_SERR_L event disable register is not
set.
The parity error response bit is set in the bridge control register of the
secondary interface.
The parity error response bit is set in the command register of the primary
interface.
PI7C8150B has not detected the parity error on the primary (initiator) bus
which the parity error is not forwarded from the primary bus to the
secondary bus.
During upstream write transactions, when a data parity error is reported on the target
(primary) bus by the target’s assertion of P_PERR_L, the following events occur:
PI7C8150B sets the data parity detected bit in the status register, if the parity error
response bit is set in the command register of the primary interface.
PI7C8150B asserts P_SERR_L and sets the signaled system error bit in the status
register, if all the following conditions are met:
The SERR_L enable bit is set in the command register.
The parity error response bit is set in the bridge control register of the
secondary interface.
The parity error response bit is set in the command register of the primary
interface.
PI7C8150B has not detected the parity error on the secondary (initiator) bus,
which the parity error is not forwarded from the secondary bus to the
primary bus.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com