Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 95 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 95 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 99Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 95 of 107
April 2015 – Revision 2.1
read data. Again, the PAR signal corresponds to read data from the previous data phase
cycle.
15.2.3
REPORTING PARITY ERRORS
For all address phases, if a parity error is detected, the error should be reported on the
P_SERR_L signal by asserting P_SERR_L for one cycle and then 3-stating two cycles
after the bad address. P_SERR_L can only be asserted if bit 6 and 8 in the Command
Register are both set to 1. For write data phases, a parity error should be reported by
asserting the P_PERR_L signal two cycles after the data phase and should remain asserted
for one cycle when bit 6 in the Command register is set to a 1.
The target reports any type of data parity errors during write cycles, while the master
reports data parity errors during read cycles.
Detection of an address parity error will cause the PCI-to-PCI Bridge target to not claim
the bus (P_DEVSEL_L remains inactive) and the cycle will then terminate with a Master
Abort. When the bridge is acting as master, a data parity error during a read cycle results in
the bridge master initiating a Master Abort.
15.2.4
SECONDARY IDSEL MAPPING
When PI7C8150B detects a Type 1 configuration transaction for a device connected to
the secondary, it translates the Type 1 transaction to Type 0 transaction on the downstream
interface. Type 1 configuration format uses a 5-bit field at P_AD[15:11] as a device
number. This is translated to S_AD[31:16] by PI7C8150B.
16
IEEE 1149.1 COMPATIBLE JTAG CONTROLLER
An IEEE 1149.1 compatible Test Access Port (TAP) controller and associated TAP pins
are provided to support boundary scan in PI7C8150B for board-level continuity test and
diagnostics. The TAP pins assigned are TCK, TDI, TDO, TMS and TRST_L. All digital
input, output, input/output pins are tested except TAP pins.
The IEEE 1149.1 Test Logic consists of a TAP controller, an instruction register, and
a group of test data registers including Bypass and Boundary Scan registers. The TAP
controller is a synchronous 16-state machine driven by the Test Clock (TCK) and the Test
Mode Select (TMS) pins. An independent power on reset circuit is provided to ensure the
machine is in TEST_LOGIC_RESET state at power-up. The JTAG signal lines are not
active when the PCI resource is operating PCI bus cycles.
PI7C8150B implements 3 basic instructions: BYPASS, SAMPLE/PRELOAD, and
EXTEST.
16.1
BOUNDARY SCAN ARCHITECTURE
Boundary-scan test logic consists of a boundary-scan register and support logic. These are
accessed through a Test Access Port (TAP). The TAP provides a simple serial interface
that allows all processor signal pins to be driven and/or sampled, thereby providing direct
control and monitoring of processor pins at the system level.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com