Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 76 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 76 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 80Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 76 of 107
April 2015 – Revision 2.1
Bit
Function
Type
Description
8
P_SERR_L
enable
R/W
Controls the enable for the P_SERR_L pin
0: disable the P_SERR_L driver
1: enable the P_SERR_L driver
Reset to 0
9
Fast Back-to-
Back Enable
R/W
Controls 7C8150’s ability to generate fast back-to-back transactions
to different devices on the primary interface.
0: no fast back-to-back transactions
1: enable fast back-to-back transactions
Reset to 0
15:10
Reserved
R/O
Returns 000000 when read
14.1.4
STATUS REGISTER – OFFSET 04h
Bit
Function
Type
Description
19:16
Reserved
R/O
Reset to 0
20
Capabilities List
R/O
Set to 1 to enable support for the capability list (offset 34h is the
pointer to the data structure)
Reset to 1
21
66MHz Capable
R/O
Set to 1 to enable 66MHz operation on the primary interface
Reset to 1
22
Reserved
R/O
Reset to 0
23
Fast Back-to-
Back Capable
R/O
Set to 1 to enable decoding of fast back-to-back transactions on the
primary interface to different targets
Reset to 1
24
Data Parity Error
Detected
R/WC
Set to 1 when P_PERR_L is asserted and bit 6 of command register
is set
Reset to 0
26:25
DEVSEL_L
timing
R/O
DEVSEL_L timing (medium decoding)
00: fast DEVSEL_L decoding
01: medium DEVSEL_L decoding
10: slow DEVSEL_L decoding
11: reserved
Reset to 01
27
Signaled Target
Abort
R/WC
Set to 1 (by a target device) whenever a target abort cycle occurs
Reset to 0
28
Received Target
Abort
R/WC
Set to 1 (by a master device) whenever transactions are terminated
with target aborts
Reset to 0
29
Received Master
Abort
R/WC
Set to 1 (by a master) when transactions are terminated with Master
Abort
Reset to 0
30
Signaled System
Error
R/WC
Set to 1 when P_SERR_L is asserted
Reset to 0
31
Detected Parity
Error
R/WC
Set to 1 when address or data parity error is detected on the primary
interface
Reset to 0
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com