Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 88 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 88 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 92Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 88 of 107
April 2015 – Revision 2.1
Bit
Function
Type
Description
7:6
Clock 3 disable
R/W
If either bit is 0, then S_CLKOUT [3] is enabled.
If both bits are 1, then S_CLKOUT [3] is disabled.
8
Clock 4 disable
R/W
If bit is 0, then S_CLKOUT [4] is enabled.
If bit is 1, then S_CLKOUT [4] is disabled and driven low.
9
Clock 5 disable
R/W
If bit is 0, then S_CLKOUT [5] is enabled.
If bit is 1, then S_CLKOUT [5] is disabled and driven low.
10
Clock 6 disable
R/W
If bit is 0, then S_CLKOUT [6] is enabled.
If bit is 1, then S_CLKOUT [6] is disabled and driven low.
11
Clock 7 disable
R/W
If bit is 0, then S_CLKOUT [7] is enabled.
If bit is 1, then S_CLKOUT [7] is disabled and driven low.
12
Clock 8 disable
R/W
If bit is 0, then S_CLKOUT [8] is enabled.
If bit is 1, then S_CLKOUT [8] is disabled and driven low.
13
Clock 9 disable
R/W
If bit is 0, then S_CLKOUT [9] is enabled.
If bit is 1, then S_CLKOUT [9] is disabled and driven low.
15:14
Reserved
RO
Reserved. Returns 00 when read.
14.1.41
P_SERR_L STATUS REGISTER – OFFSET 68h
Bit
Function
Type
Description
16
Address Parity
Error
R/WC
1: Signal P_SERR_L was asserted because an address parity error
was detected on P or S bus.
Reset to 0
17
Posted Write
Data Parity Error
R/WC
1: Signal P_SERR_L was asserted because a posted write data parity
error was detected on the target bus.
Reset to 0
18
Posted Write
Non-delivery
R/WC
1: Signal P_SERR_L was asserted because the bridge was unable to
deliver post memory write data to the target after 2
24 attempts.
Reset to 0
19
Target Abort
during Posted
Write
R/WC
1: Signal P_SERR_L was asserted because the bridge received a
target abort when delivering post memory write data.
Reset to 0.
20
Master Abort
during Posted
Write
R/WC
1: Signal P_SERR_L was asserted because the bridge received a
master abort when attempting to deliver post memory write data
Reset to 0.
21
Delayed Write
Non-delivery
R/WC
1: Signal P_SERR_L was asserted because the bridge was unable to
deliver delayed write data after 2
24 attempts.
Reset to 0
22
Delayed Read –
No Data from
Target
R/WC
1: Signal P_SERR_L was asserted because the bridge was unable to
read any data from the target after 2
24 attempts.
Reset to 0.
23
Delayed
Transaction
Master Timeout
R/WC
1: Signal P_SERR_L was asserted because a master did not repeat a
read or write transaction before master timeout.
Reset to 0.
14.1.42
PORT OPTION REGISTER – OFFSET 74h
Bit
Function
Type
Description
0
Reserved
R/O
Reserved. Returns 0 when read.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com