Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 48 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 48 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 52Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 48 of 107
April 2015 – Revision 2.1
The ordering relationship of a transaction with respect to other transactions is
determined when the transaction completes, that is, when a transaction ends with a
termination other than target retry.
Requests terminated with target retry can be accepted and completed in any order with
respect to other transactions that have been terminated with target retry. If the order of
completion of delayed requests is important, the initiator should not start a second
delayed transaction until the first one has been completed. If more than one delayed
transaction is initiated, the initiator should repeat all delayed transaction requests,
using some fairness algorithm. Repeating a delayed transaction cannot be contingent
on completion of another delayed transaction. Otherwise, a deadlock can occur.
Write transactions flowing in one direction have no ordering requirements with respect
to write transactions flowing in the other direction. PI7C8150B can accept posted write
transactions on both interfaces at the same time, as well as initiate posted write
transactions on both interfaces at the same time.
The acceptance of a posted memory write transaction as a target can never be
contingent on the completion of a non-locked, non-posted transaction as a master. This
is true for PI7C8150B and must also be true for other bus agents. Otherwise, a
deadlock can occur.
PI7C8150B accepts posted write transactions, regardless of the state of completion of
any delayed transactions being forwarded across PI7C8150B.
5.3
ORDERING RULES
Table 5-1 shows the ordering relationships of all the transactions and refers by number to
the ordering rules that follow.
Table 5-1. Summary of Transaction Ordering
Pass
Posted
Write
Delayed
Read
Request
Delayed
Write
Request
Delayed Read
Completion
Delayed Write
Completion
Posted Write
No
1
Yes
5
Yes
5
Yes
5
Yes
5
Delayed Read Request
No
2
Yes
Yes
Yes
Yes
Delayed Write Request
No
4
Yes
Yes
Yes
Yes
Delayed Read
Completion
No
3
Yes
Yes
Yes
Yes
Delayed Write
Completion
Yes
Yes
Yes
Yes
Yes
Note: The superscript accompanying some of the table entries refers to any applicable
ordering rule listed in this section. Many entries are not governed by these ordering rules;
therefore, the implementation can choose whether or not the transactions pass each other.
The entries without superscripts reflect the PI7C8150B’s implementation choices.
The following ordering rules describe the transaction relationships. Each ordering rule is
followed by an explanation, and the ordering rules are referred to by number in Table 5-1.
These ordering rules apply to posted write transactions, delayed write and read requests,
and delayed write and read completion transactions crossing PI7C8150B in the same
direction. Note that delayed completion transactions cross PI7C8150B in the direction
opposite that of the corresponding delayed requests.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com