Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 70 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 70 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 74Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 70 of 107
April 2015 – Revision 2.1
driven to a value of 1, the I/O enable, the memory enable, and the master enable bits are
internally masked to 0. This means that, as a target, PI7C8150B no longer accepts any I/O
or memory transactions, on either interface. When read, the register bits still reflect the
value originally written by a configuration write command; when GPIO[3] is deasserted,
the internal enable bits return to their original value (as they appear when read from the
command register). When this mode is enabled, as a master, PI7C8150B completes any
posted write or delayed request transactions that have already been queued.
Delayed completion transactions are not returned to the master in this mode because
PI7C8150B is not responding to any I/O or memory transactions during this time.
PI7C8150B continues to accept configuration transactions in live insertion mode. Once live
insertion mode brings PI7C8150B to a halt and queued transactions are completed, the
secondary reset bit in the bridge control register can be used to assert S_RST_L, if desired,
to reset and tri-state secondary bus devices, and to enable any live insertion hardware.
11
PCI POWER MANAGEMENT
PI7C8150B incorporates functionality that meets the requirements of the PCI Power
Management Specification, Revision 1.0. These features include:
PCI Power Management registers using the Enhanced Capabilities Port (ECP) address
mechanism
Support for D0, D3 hot and D3 cold power management states
Support for D0, D1, D2, D3 hot , and D3 cold power management states for devices
behind the bridge
Support of the B2 secondary bus power state when in the D3 hot power management
state
Table 11-1 shows the states and related actions that PI7C8150B performs during power
management transitions. (No other transactions are permitted.)
Table 11-1. Power Management Transitions
Current Status
Next State
Action
D0
D3cold
Power has been removed from PI7C8150B. A power-up reset must
be performed to bring PI7C8150B to D0.
D0
D3hot
If enabled to do so by the BPCCE pin, PI7C8150B will disable the
secondary clocks and drive them LOW.
D0
D2
Unimplemented power state. PI7C8150B will ignore the write to the
power state bits (power state remains at D0).
D0
D1
Unimplemented power state. PI7C8150B will ignore the write to the
power state bits (power state remains at D0).
D3hot
D0
PI7C8150B enables secondary clock outputs and performs an internal
chip reset. Signal S_RST_L will not be asserted. All registers will
be returned to the reset values and buffers will be cleared.
D3hot
D3cold
Power has been removed from PI7C8150B. A power-up reset must
be performed to bring PI7C8150B to D0.
D3cold
D0
Power-up reset. PI7C8150B performs the standard power-up reset
functions as described in Section 12.
PME# signals are routed from downstream devices around PCI-to-PCI bridges. PME#
signals do not pass through PCI-to-PCI bridges.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com