Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 62 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 62 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 62 of 107
April 2015 – Revision 2.1
Once the intended target has been locked, any subsequent locked transactions initiated on
the initiator bus that are forwarded by PI7C8150B are driven as locked transactions on the
target bus.
The first transaction to establish LOCK_L must be Memory Read. If the first transaction is
not Memory read, the following transactions behave accordingly:
Type 0 Configuration Read/Write induces master abort
Type 1 Configuration Read/Write induces master abort
I/O Read induces master abort
I/O Write induces master abort
Memory Write induces master abort
When PI7C8150B receives a target abort or a master abort in response to the delayed
locked read transaction, this status is passed back to the initiator, and no locks are
established on either the target or the initiator bus. PI7C8150B resumes forwarding
unlocked transactions in both directions.
7.2.2
LOCKED TRANSACTION IN UPSTREAM DIRECTION
PI7C8150B ignores upstream lock and transactions. PI7C8150B will pass these
transactions as normal transactions without lock established.
7.3
ENDING EXCLUSIVE ACCESS
After the lock has been acquired on both initiator and target buses, PI7C8150B must
maintain the lock on the target bus for any subsequent locked transactions until the initiator
relinquishes the lock.
The only time a target-retry causes the lock to be relinquished is on the first transaction of a
locked sequence. On subsequent transactions in the sequence,
the target retry has no effect on the status of the lock signal.
An established target lock is maintained until the initiator relinquishes the lock.
PI7C8150B does not know whether the current transaction is the last one in a sequence of
locked transactions until the initiator de-asserts the LOCK_L signal at end of the
transaction.
When the last locked transaction is a delayed transaction, PI7C8150B has already
completed the transaction on the target bus. In this example, as soon as PI7C8150B detects
that the initiator has relinquished the LOCK_L signal by sampling it in the de-asserted state
while FRAME_L is de-asserted, PI7C8150B de-asserts the LOCK_L signal on the target
bus as soon as possible. Because of this behavior, LOCK_L may not be de-asserted until
several cycles after the last locked transaction has been completed on the target bus. As
soon as PI7C8150B has de-asserted LOCK_L to indicate the end of a sequence of locked
transactions, it resumes forwarding unlocked transactions.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com