Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 30 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 30 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 34Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 30 of 107
April 2015 – Revision 2.1
pending data for other transactions in the RDB (Read Data Buffer), the remaining read data
will be discarded even though the master timeout timer has not expired.
PI7C8150B implements a master timeout timer that starts counting when the delayed read
completion is at the head of the delayed transaction queue, and the read data is at the head
of the read data queue. The initial value of this timer is programmable through
configuration register. If the initiator does not repeat the read transaction and before the
master timeout timer expires (2
15 default), PI7C8150B discards the read transaction and
read data from its queues. PI7C8150B also conditionally asserts P_SERR_L (see Section
6.4).
PI7C8150B has the capability to post multiple delayed read requests, up to a maximum of
four in each direction. If an initiator starts a read transaction that matches the address and
read command of a read transaction that is already queued, the current read command is not
posted as it is already contained in the delayed transaction queue.
See Section 5 for a discussion of how delayed read transactions are ordered when crossing
PI7C8150B.
3.6.7
FAST BACK-TO-BACK READ TRANSACTION
PI7C8150B can recognize fast back-to-back read transactions.
3.7
CONFIGURATION TRANSACTIONS
Configuration transactions are used to initialize a PCI system. Every PCI device has a
configuration space that is accessed by configuration commands. All registers are
accessible in configuration space only.
In addition to accepting configuration transactions for initialization of its own
configuration space, the PI7C8150B also forwards configuration transactions for device
initialization in hierarchical PCI systems, as well as for special cycle generation.
To support hierarchical PCI bus systems, two types of configuration transactions are
specified: Type 0 and Type 1.
Type 0 configuration transactions are issued when the intended target resides on the same
PCI bus as the initiator. A Type 0 configuration transaction is identified by the
configuration command and the lowest two bits of the address set to 00b.
Type 1 configuration transactions are issued when the intended target resides on another
PCI bus, or when a special cycle is to be generated on another PCI bus. A Type 1
configuration command is identified by the configuration command and the lowest two
address bits set to 01b.
The register number is found in both Type 0 and Type 1 formats and gives the DWORD
address of the configuration register to be accessed. The function number is also included
in both Type 0 and Type 1 formats and indicates which function of a multifunction device
is to be accessed. For single-function devices, this value is not decoded. The addresses of
Type 1 configuration transaction include a 5-bit field designating the device number that
identifies the device on the target PCI bus that is to be accessed. In addition, the bus
number in Type 1 transactions specifies the PCI bus to which the transaction is targeted.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com