Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 80 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 80 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 84Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 80 of 107
April 2015 – Revision 2.1
14.1.19
PEFETCHABLE MEMORY BASE REGISTER – OFFSET 24h
Bit
Function
Type
Description
3:0
64-bit addressing
R/O
Indicates 64-bit addressing
0000: 32-bit addressing
0001: 64-bit addressing
Reset to 1
15:4
Prefetchable
Memory Base
Address [31:20]
R/W
Defines the bottom address of an address range for the bridge to
determine when to forward memory read and write transactions from
one interface to the other. The upper 12 bits correspond to address
bits [31:20] and are writable. The lower 20 bits are assumed to be 0.
14.1.20
PREFETCHABLE MEMORY LIMIT REGISTER – OFFSET 24h
Bit
Function
Type
Description
19:16
64-bit addressing
R/O
Indicates 64-bit addressing
0000: 32-bit addressing
0001: 64-bit addressing
Reset to 1
31:20
Prefetchable
Memory Limit
Address [31:20]
R/W
Defines the top address of an address range for the bridge to
determine when to forward memory read and write transactions from
one interface to the other. The upper 12 bits correspond to address
bits [31:20] and are writable. The lower 20 bits are assumed to be
FFFFFh.
14.1.21
PREFETCHABLE MEMORY BASE ADDRESS UPPER 32-BITS
REGISTER – OFFSET 28h
Bit
Function
Type
Description
31:0
Prefetchable
Memory Base
Address, Upper
32-bits [63:32]
R/W
Defines the upper 32-bits of a 64-bit bottom address of an address
range for the bridge to determine when to forward memory read and
write transactions from one interface to the other.
Reset to 0
14.1.22
PREFETCHABLE MEMORY LIMIT ADDRESS UPPER 32-BITS
REGISTER – OFFSET 2Ch
Bit
Function
Type
Description
31:0
Prefetchable
Memory Limit
Address, Upper
32-bits [63:32]
R/W
Defines the upper 32-bits of a 64-bit top address of an address range
for the bridge to determine when to forward memory read and write
transactions from one interface to the other.
Reset to 0
14.1.23
I/O BASE ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h
Bit
Function
Type
Description
15:0
I/O Base
Address, Upper
16-bits [31:16]
R/W
Defines the upper 16-bits of a 32-bit bottom address of an address
range for the bridge to determine when to forward I/O transactions
from one interface to the other.
Reset to 0
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com