Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 90 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 90 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 94Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 90 of 107
April 2015 – Revision 2.1
Bit
Function
Type
Description
8
Secondary
MEMWI
Command Alias
Enable
R/W
Controls PI7C8150B’s detection mechanism for matching non-posted
memory write and invalidate cycles from the initiator on the
secondary interface
0: When accepting MEMWI command at the secondary interface,
PI7C8150B converts MEMWI to MEMW command on the primary
interface
1: Disconnects MEMWI command at aligned cache line boundaries
Reset to 0
9
Enable Long
Request
R/W
Controls PI7C8150B’s ability to enable long requests for lock cycles
0: normal lock operation
1: enable long request for lock cycle
Reset to 0
10
Enable
Secondary To
Hold Request
Longer
R/W
Control’s PI7C8150B’s ability to enable the secondary bus to hold
requests longer.
0: internal secondary master will release REQ_L after FRAME_L
assertion
1: internal secondary master will hold REQ_L until there is no
transactions pending in FIFO or until terminated by target
Reset to 1
11
Enable Primary
To Hold Request
Longer
R/W
Control’s PI7C8150B’s ability to hold requests longer at the Primary
Port.
0: internal Primary master will release REQ_L after FRAME_L
assertion
1: internal Primary master will hold REQ_L until there is no
transactions pending in FIFO or until terminated by target
Reset to 1
15:12
Reserved
R/O
Reserved. Returns 0 when read.
14.1.43
RETRY COUNTER REGISTER – OFFSET 78h
Bit
Function
Type
Description
31:0
Retry Counter
R/W
Holds the maximum number of attempts that PI7C8150B will try
before reporting retry timeout. Retry count set at 2
24 PCI clocks.
Default is 0100 0000h.
14.1.44
SECONDARY BUS MASTER TIMEOUT COUNTER – OFFSET 80h
Bit
Function
Type
Description
15:0
Secondary
Timeout
R/W
There are 2 control settings for the secondary bus master timeout
counter. Bit[25] offset 3Ch can set the counter to either 2
10 or 215
clocks. Bit[15:0] offset 80h may control the granularity down to 1
PCI clock (from 0h to FFFFh). Both controls will over-write each
other, with the last write value being used for the initial value loaded
into the timeout counter. The timeout counter will start after the last
data (if less than a cache line) or the first cache line data (if more than
one cache line) is completed to the bridge. Once the timeout counter
expires, the corresponding data in the buffer will be discarded.
Reset to 8000h.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com